Electronic Components Datasheet Search
  English  ▼

X  

PLUS16R8DN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PLUS16R8DN
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R8DN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PLUS16R8DN Datasheet HTML 6Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 7Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 8Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 9Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 10Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 11Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 12Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 13Page - NXP Semiconductors PLUS16R8DN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
45
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75 ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
Input voltage2
VIL
Low
VCC = MIN
0.8
V
VIH
High
VCC = MAX
2.0
V
VIC
Clamp
VCC = MIN, IIN = –18mA
–0.8
–1.5
V
Output voltage
VCC = MIN, VIN = VIH or VIL
VOL
Low
IOL = 24mA
0.5
V
VOH
High
IOH = –3.2 mA
2.4
V
Input current
VCC = MAX
IIL
Low3
VIN = 0.40V
–250
µA
IIH
High3
VIN = 2.7V
25
µA
II
Maximum input current
VIN = VCC = VCCMAX
100
µA
Output current
VCC = MAX
IOZH
Output leakage
VOUT = 2.7V
100
µA
IOZL
Output leakage
VOUT = 0.4V
–100
µA
IOS
Short circuit 4, 5
VOUT = 0V
–30
–90
mA
ICC
VCC supply current
VCC = MAX
160
180
mA
Capacitance6
CIN
Input
VCC = 5V
VOUT = 2.0V
8
pF
CB
I/O (B)
VOUT = 2V, f = 1MHz
8
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Leakage current for bidirectional pins is the worst case of IIL and IOZL or IIH and IOZH.
4. Test one at a time.
5. Duration of short circuit should not exceed 1 second.
6. These parameters are not 100% tested but periodically sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com