Electronic Components Datasheet Search
  English  ▼

X  

ICP1543 Datasheet(PDF) 2 Page - Microchip Technology

Part # ICP1543
Description  12-18GHz 20W GaN PA MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1543 Datasheet(HTML) 2 Page - Microchip Technology

  ICP1543 Datasheet HTML 1Page - Microchip Technology ICP1543 Datasheet HTML 2Page - Microchip Technology ICP1543 Datasheet HTML 3Page - Microchip Technology ICP1543 Datasheet HTML 4Page - Microchip Technology ICP1543 Datasheet HTML 5Page - Microchip Technology ICP1543 Datasheet HTML 6Page - Microchip Technology ICP1543 Datasheet HTML 7Page - Microchip Technology ICP1543 Datasheet HTML 8Page - Microchip Technology ICP1543 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
12-18GHz 20W GaN PA MMIC
ICP1543
Datasheet Rev E
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 2
Typical Small Signal Data | Test conditions unless otherwise stated V
D=20V, IDQ=150mA
— Temp = 25°C
— Temp = -40°C
— Temp = 85⁰C
— Temp = 25°C
— Temp = -40°C
— Temp = 85⁰C
— Temp = 25°C
— Temp = -40°C
— Temp = 85⁰C
— Temp = 25°C
— Temp = -40°C
— Temp = 85⁰C
Thermal and Reliability
Thermal Resistance
1.1ºC/W
Absolute Maximum Ratings
Drain Voltage (VDG)
30V
Gate Voltage Range (VG)
-5V to 0V
Drain Current (ID) TA=25ºC
8A
Gate Current (IG)
6.0mA
Power Dissipation (CW) TA=25ºC
Power Dissipation (CW) TA=85ºC
180W
125W
CW Input Power
+28dBm
Channel Temperature
275°C
Eutectic Die Attach Temperature
(30s)
320°C
Storage Temperature
-65°C to +150°C
Exceeding any one or combination of the absolute maximum lim-
its may cause permanent damage to this device.
ICONICRF does not recommend sustained operation near these
survivability limits.
Ordering Information
ICP1543-1-110I
Bare die in Gel-Pack trays
EV83T37A
ICP1543-1-501U EVB SMA connectors
Notes

Assumes silver sintered epoxy attach (15um thick)
mounted on CuMo carrier.

Base temperature is assumed at the top of the CuMo
carrier

Thermal resistance calculated using IR measurement of
the channel temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com