Electronic Components Datasheet Search
  English  ▼

X  

SMH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMH
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMH Datasheet HTML 1Page - List of Unclassifed Manufacturers SMH Datasheet HTML 2Page - List of Unclassifed Manufacturers SMH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Standard snap-ins, 85C
CAT. No. E1001F
?STANDARD RATINGS
WV
(Vdc)
Cap
(
mF)
Case size
fDbL(mm)
tan
e
Rated ripple
current
(Arms/
85
c,120Hz)
Part No.
50
3,300
25.4 B 25
0.20
2.38
ESMH500VSN332MQ25S
3,900
22 B 35
0.20
2.65
ESMH500VSN392MP35S
3,900
25.4 B 30
0.20
2.68
ESMH500VSN392MQ30S
3,900
30 B 25
0.20
2.55
ESMH500VSN392MR25S
4,700
22 B 40
0.20
2.99
ESMH500VSN472MP40S
4,700
25.4 B 35
0.20
3.03
ESMH500VSN472MQ35S
4,700
30 B 25
0.20
2.81
ESMH500VSN472MR25S
5,600
22 B 45
0.20
3.36
ESMH500VSN562MP45S
5,600
25.4 B 35
0.20
3.31
ESMH500VSN562MQ35S
5,600
30 B 30
0.20
3.37
ESMH500VSN562MR30S
5,600
35 B 25
0.20
3.42
ESMH500VSN562MA25S
6,800
22 B 50
0.20
3.81
ESMH500VSN682MP50S
6,800
25.4 B 40
0.20
3.81
ESMH500VSN682MQ40S
6,800
30 B 35
0.20
3.85
ESMH500VSN682MR35S
6,800
35 B 30
0.20
3.85
ESMH500VSN682MA30S
8,200
25.4 B 50
0.20
4.37
ESMH500VSN822MQ50S
8,200
30 B 40
0.20
4.36
ESMH500VSN822MR40S
8,200
35 B 30
0.20
4.41
ESMH500VSN822MA30S
10,000
30 B 45
0.20
4.97
ESMH500VSN103MR45S
10,000
35 B 35
0.20
4.92
ESMH500VSN103MA35S
12,000
30 B 50
0.20
5.60
ESMH500VSN123MR50S
12,000
35 B 40
0.20
5.58
ESMH500VSN123MA40S
15,000
35 B 45
0.20
6.44
ESMH500VSN153MA45S
18,000
35 B 50
0.20
6.71
ESMH500VSN183MA50S
63
1,800
22 B 25
0.15
1.82
ESMH630VSN182MP25S
2,200
22 B 30
0.15
2.31
ESMH630VSN222MP30S
2,200
25.4 B 25
0.15
2.30
ESMH630VSN222MQ25S
2,700
22 B 35
0.15
2.40
ESMH630VSN272MP35S
2,700
25.4 B 25
0.15
2.40
ESMH630VSN272MQ25S
3,300
22 B 35
0.15
2.62
ESMH630VSN332MP35S
3,300
25.4 B 30
0.15
2.64
ESMH630VSN332MQ30S
3,300
30 B 25
0.15
2.78
ESMH630VSN332MR25S
3,900
22 B 40
0.15
2.93
ESMH630VSN392MP40S
3,900
25.4 B 35
0.15
2.97
ESMH630VSN392MQ35S
3,900
30 B 30
0.15
3.00
ESMH630VSN392MR30S
3,900
35 B 25
0.15
3.00
ESMH630VSN392MA25S
4,700
22 B 50
0.15
3.39
ESMH630VSN472MP50S
4,700
25.4 B 40
0.15
3.36
ESMH630VSN472MQ40S
4,700
30 B 30
0.15
3.32
ESMH630VSN472MR30S
4,700
35 B 25
0.15
3.36
ESMH630VSN472MA25S
5,600
25.4 B 45
0.15
3.77
ESMH630VSN562MQ45S
5,600
30 B 35
0.15
3.75
ESMH630VSN562MR35S
5,600
35 B 30
0.15
3.76
ESMH630VSN562MA30S
6,800
25.4 B 50
0.15
4.27
ESMH630VSN682MQ50S
6,800
30 B 40
0.15
4.27
ESMH630VSN682MR40S
6,800
35 B 30
0.15
4.15
ESMH630VSN682MA30S
8,200
30 B 45
0.15
4.83
ESMH630VSN822MR45S
8,200
35 B 35
0.15
4.79
ESMH630VSN822MA35S
10,000
30 B 50
0.15
5.49
ESMH630VSN103MR50S
10,000
35 B 40
0.15
5.47
ESMH630VSN103MA40S
12,000
35 B 45
0.15
6.19
ESMH630VSN123MA45S
WV
(Vdc)
Cap
(
mF)
Case size
fDbL(mm)
tan
e
Rated ripple
current
(Arms/
85
c,120Hz)
Part No.
80
1,200
22 B 25
0.15
1.69
ESMH800VSN122MP25S
1,500
22 B 25
0.15
1.88
ESMH800VSN152MP25S
1,800
22 B 30
0.15
2.14
ESMH800VSN182MP30S
1,800
25.4 B 25
0.15
2.26
ESMH800VSN182MQ25S
2,200
22 B 35
0.15
2.44
ESMH800VSN222MP35S
2,200
25.4 B 30
0.15
2.46
ESMH800VSN222MQ30S
2,200
30 B 25
0.15
2.49
ESMH800VSN222MR25S
2,700
22 B 40
0.15
2.78
ESMH800VSN272MP40S
2,700
25.4 B 35
0.15
2.81
ESMH800VSN272MQ35S
2,700
30 B 25
0.15
2.75
ESMH800VSN272MR25S
3,300
22 B 45
0.15
3.16
ESMH800VSN332MP45S
3,300
25.4 B 40
0.15
3.21
ESMH800VSN332MQ40S
3,300
30 B 30
0.15
3.17
ESMH800VSN332MR30S
3,300
35 B 25
0.15
3.21
ESMH800VSN332MA25S
3,900
22 B 50
0.15
3.52
ESMH800VSN392MP50S
3,900
25.4 B 45
0.15
3.59
ESMH800VSN392MQ45S
3,900
30 B 35
0.15
3.57
ESMH800VSN392MR35S
3,900
35 B 25
0.15
3.50
ESMH800VSN392MA25S
4,700
25.4 B 50
0.15
4.05
ESMH800VSN472MQ50S
4,700
30 B 40
0.15
4.05
ESMH800VSN472MR40S
4,700
35 B 30
0.15
4.09
ESMH800VSN472MA30S
5,600
30 B 45
0.15
4.55
ESMH800VSN562MR45S
5,600
35 B 35
0.15
4.51
ESMH800VSN562MA35S
6,800
30 B 50
0.15
5.16
ESMH800VSN682MR50S
6,800
35 B 40
0.15
5.14
ESMH800VSN682MA40S
8,200
35 B 45
0.15
5.83
ESMH800VSN822MA45S
10,000
35 B 50
0.15
6.63
ESMH800VSN103MA50S
100
820
22 B 25
0.15
1.86
ESMH101VSN821MP25S
1,200
22 B 30
0.15
2.09
ESMH101VSN122MP30S
1,200
25.4 B 25
0.15
2.10
ESMH101VSN122MQ25S
1,500
22 B 35
0.15
2.41
ESMH101VSN152MP35S
1,500
25.4 B 30
0.15
2.43
ESMH101VSN152MQ30S
1,500
30 B 25
0.15
2.46
ESMH101VSN152MR25S
1,800
22 B 40
0.15
2.71
ESMH101VSN182MP40S
1,800
25.4 B 35
0.15
2.75
ESMH101VSN182MQ35S
1,800
30 B 25
0.15
2.72
ESMH101VSN182MR25S
2,200
22 B 45
0.15
3.08
ESMH101VSN222MP45S
2,200
25.4 B 40
0.15
3.13
ESMH101VSN222MQ40S
2,200
30 B 30
0.15
3.09
ESMH101VSN222MR30S
2,200
35 B 25
0.15
3.14
ESMH101VSN222MA25S
2,700
22 B 50
0.15
3.53
ESMH101VSN272MP50S
2,700
25.4 B 45
0.15
3.57
ESMH101VSN272MQ45S
2,700
30 B 35
0.15
3.55
ESMH101VSN272MR35S
2,700
35 B 30
0.15
3.71
ESMH101VSN272MA30S
3,300
25.4 B 50
0.15
4.06
ESMH101VSN332MQ50S
3,300
30 B 40
0.15
4.05
ESMH101VSN332MR40S
3,300
35 B 30
0.15
4.05
ESMH101VSN332MA30S
3,900
30 B 45
0.15
4.54
ESMH101VSN392MR45S
3,900
35 B 35
0.15
4.49
ESMH101VSN392MA35S
4,700
30 B 50
0.15
5.13
ESMH101VSN472MR50S
4,700
35 B 40
0.15
5.11
ESMH101VSN472MA40S
5,600
35 B 45
0.15
5.75
ESMH101VSN562MA45S
6,800
35 B 50
0.15
6.50
ESMH101VSN682MA50S
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
Frequency (Hz)
50
0.95
0.92
120
1.00
1.00
300
1.03
1.07
1k
1.05
1.13
10k
1.08
1.19
50k
1.08
1.20
6.3 to 50Vdc
63 to 100Vdc
The endurance of capacitors is shorted with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
(3/3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com