Electronic Components Datasheet Search
  English  ▼

X  

LMV341IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341IDBVR
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  LMV341IDBVR Datasheet HTML 1Page - Texas Instruments LMV341IDBVR Datasheet HTML 2Page - Texas Instruments LMV341IDBVR Datasheet HTML 3Page - Texas Instruments LMV341IDBVR Datasheet HTML 4Page - Texas Instruments LMV341IDBVR Datasheet HTML 5Page - Texas Instruments LMV341IDBVR Datasheet HTML 6Page - Texas Instruments LMV341IDBVR Datasheet HTML 7Page - Texas Instruments LMV341IDBVR Datasheet HTML 8Page - Texas Instruments LMV341IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
V+
VO
−
+
VI
−
+
C = 200 pF
V+
Sample
Clock
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Reel of 3000
LMV341IDBVR
RC9_
SOT-23 – DBV
Reel of 250
LMV341IDBVT
PREVIEW
Single
Reel of 3000
LMV341IDCKR
R4_
SC-70 – DCK
Reel of 250
LMV341ICKVT
PREVIEW
Tube of 75
LMV342ID
SOIC – D
MV342I
Reel of 2500
LMV342IDR
–40
°C to 125°C
Dual
Reel of 250
LMV342IDGK
MSOP/VSSOP – DGK
RP_
Reel of 2500
LMV342IDGKR
Tube of 50
LMV344ID
SOIC – D
LMV344I
Reel of 2500
LMV344IDR
Quad
Tube of 90
LMV344IPW
TSSOP – PW
MV344I
Reel of 2000
LMV344IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
APPLICATION CIRCUIT: SAMPLE-AND-HOLD CIRCUIT
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com