Electronic Components Datasheet Search
  English  ▼

X  

CFS2914 Datasheet(PDF) 1 Page - Filtran LTD

Part # CFS2914
Description  CEPT Adjustable Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CFS2914 Datasheet(HTML) 1 Page - Filtran LTD

  CFS2914 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFS 2914 is an adjustable inductor (clock extrac-
tor coil) for MITEL MH89790 device.
The MH89790 has a built in clock extraction cir-
cuit, which creates a 2.048 MHz clock synchro-
nized to the received E2 signal. The free-running
frequency of the oscillator is controlled by an exter-
nal tunable inductor. The inductor should be tuned
to provide a frequency of 2.048 MHz
± 200 Hz.
Typical applications are:
•
PBX or computer to T1/CEPT Digital trunks.
•
High speed data link using T1/CEPT Digital
trunks.
•
TDM Multiplexers.
•
ISDN Voice/Data.
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3
2-12
Tel : (613) 226 1626 Fax : (613) 226 7124
CEPT
Adjustable Inductor
CFS 2914
Ground pin
0.1 x 0.1 GRID
HOLE PATTERN
0.50 " MAX
0.375" MAX
0.50" MAX
0.020" DIA
0.13" MIN
0.040" DIA
VIEW IN MOUNTING
DIRECTION
1
3
2
1
3
4
Inductance range
µH34 - 39
DC Resistance
Ohms
6.5
nom.
Distributed Capacitance
pF
2.5
nom.
ELECTRICAL SPECIFICATIONS
MECHANICAL
CFS2914
CEPt
Clock Extr. Coil.
Through Hole
Standard ...................................................
2-12


Similar Part No. - CFS2914

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS2001 FRONTIER-CFS2001 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001 FRONTIER-CFS2001 Datasheet
135Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2001-01 FRONTIER-CFS2001-01 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-01 FRONTIER-CFS2001-01 Datasheet
135Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2001-02 FRONTIER-CFS2001-02 Datasheet
99Kb / 1P
Common Mode Line Filters
More results

Similar Description - CFS2914

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT66003 BOURNS-PT66003 Datasheet
127Kb / 1P
T1/CEPT Transformer
logo
Filtran LTD
CFS2575 FILTRAN-CFS2575 Datasheet
17Kb / 1P
T1 / DS1 Adjustable Inductor
TEW5043 FILTRAN-TEW5043 Datasheet
35Kb / 1P
CEPT Matching Transformer
TEW5316 FILTRAN-TEW5316 Datasheet
27Kb / 1P
CEPT Output Transformer
CEP5753 FILTRAN-CEP5753 Datasheet
23Kb / 1P
CEPT/T1 Common Mode Inductor
TEW5532 FILTRAN-TEW5532 Datasheet
19Kb / 1P
CEPT Matching Transformer
TEW5614 FILTRAN-TEW5614 Datasheet
29Kb / 1P
CEPT Input Transformer
TEW5615 FILTRAN-TEW5615 Datasheet
29Kb / 1P
CEPT Output Transformer
TEW5694 FILTRAN-TEW5694 Datasheet
27Kb / 1P
CEPT Output Transformer
logo
SCHOTT CORPORATION
22539 SCHOTT-22539 Datasheet
18Kb / 1P
XFMR TRANSMIT, CEPT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com