Electronic Components Datasheet Search
  English  ▼

X  

STF8NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF8NK100Z
Description  N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF8NK100Z Datasheet HTML 1Page - STMicroelectronics STF8NK100Z Datasheet HTML 2Page - STMicroelectronics STF8NK100Z Datasheet HTML 3Page - STMicroelectronics STF8NK100Z Datasheet HTML 4Page - STMicroelectronics STF8NK100Z Datasheet HTML 5Page - STMicroelectronics STF8NK100Z Datasheet HTML 6Page - STMicroelectronics STF8NK100Z Datasheet HTML 7Page - STMicroelectronics STF8NK100Z Datasheet HTML 8Page - STMicroelectronics STF8NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1
November 2005
1/13
13
STF8NK100Z
STP8NK100Z
N-CHANNEL 1000V - 1.60
Ω - 6.5A - TO-220 - TO-220FP
Zener-Protected SuperMESH™ MOSFET
General features
■
EXTREMELY HIGH dv/dt CAPABILITY
■
100% AVALANCHE RATED
■
IMPROVED ESD CAPABILITY
■
VERY LOW INTRINSIC CAPACITANCE
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage
MOSFETs
including
revolutionary
MDmesh™ products.
Applications
■
HIGH CURRENT,SWITCHING APPLICATION
■
IDEAL FOR OFF-LINE POWER SUPPLIES
Order codes
Internal schematic diagram
Type
VDSS RDS(on)
ID
Pw
STF8NK100Z
STP8NK100Z
1000 V
1000 V
<1.85
Ω
<1.85
Ω
6.5 ANote 1
6.5 A
40 W
160 W
1
2
3
1
2
3
TO-220
TO-220FP
Sales Type
Marking
Package
Packaging
STF8NK100Z
F8NK100Z
TO-220FP
TUBE
STP8NK100Z
P8NK100Z
TO-220
TUBE
www.st.com


Similar Part No. - STF8NK100Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF8NK100Z ISC-STF8NK100Z Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF8NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
384Kb / 10P
N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Oct-2002
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH™ 줡ower MOSFET
July 2003
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
Mar-2004
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STP8NK85Z STMICROELECTRONICS-STP8NK85Z Datasheet
346Kb / 15P
N-CHANNEL 850V -1.1ohm - 6.7A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
20-Sep-2006
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
N-channel 900V - 2Ω - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
14-Dec-2005
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com