Electronic Components Datasheet Search
  English  ▼

X  

4302FLW Datasheet(PDF) 1 Page - Belden Inc.

Part # 4302FLW
Description  Security & Sound, 4 Conductor 18 AWG BC, LSZH, Shielded, Cca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4302FLW Datasheet(HTML) 1 Page - Belden Inc.

  4302FLW Datasheet HTML 1Page - Belden Inc. 4302FLW Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 4302FLW
Security & Sound, 4 Conductor 18 AWG BC, LSZH, Shielded, Cca
Product Description
Security & Commercial Audio Cable, 4-18 AWG stranded bare copper conductors with Low Smoke Zero Halogen insulation, Beldfoil® shield and LSZH jacket
with ripcord, CPR Cca
Technical Specifications
Product Overview
Suitable Applications:
Security System, Intercom/PA, Audio/Speaker, Power-Limited Controls, Noisy Environment
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Conductors
18
7x26
BC - Bare Copper 1.22 mm
4
Conductor Count:
4
Insulation
Type
Material
Nominal Diameter Nominal Wall Thickness
Insulation LSZH - Low Smoke Zero Halogen (Flame Retardant) 1.72 mm
0.25 mm
Color Chart
Number Color
Wire 1
Black
Wire 2
Red
White
Green
Outer Shield
Type
Material
Material Trade Name Coverage [%] Thickness of Foil Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
9 µm
TC - Tinned Copper AWG24/7
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.5 mm
1.0 mm
Construction and Dimensions
Cabling
Description
4 wires twisted
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
21.3 Ohm/km
23.6 Ohm/km


Similar Part No. - 4302FLW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4302F ETC1-4302F Datasheet
22Kb / 1P
4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm)
logo
Chicago Miniature Lamp,...
4302F-5V CML-4302F-5V Datasheet
65Kb / 1P
IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
logo
Visual Communications C...
4302F-5V VCC-4302F-5V Datasheet
55Kb / 1P
Integrated Resistor 5 Volts 12 Volts T-1 (3mm)
logo
List of Unclassifed Man...
4302F1-12V ETC1-4302F1-12V Datasheet
22Kb / 1P
4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm)
logo
Chicago Miniature Lamp,...
4302F1-12V CML-4302F1-12V Datasheet
65Kb / 1P
IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
More results

Similar Description - 4302FLW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4301ULW BELDEN-4301ULW Datasheet
174Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
4305ULW BELDEN-4305ULW Datasheet
151Kb / 2P
Security & Sound, 7 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
430BULW BELDEN-430BULW Datasheet
154Kb / 2P
Security & Sound, 20 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
4202ULW BELDEN-4202ULW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 16 AWG BC, LSZH, Cca
12-20-2022
4300ULW BELDEN-4300ULW Datasheet
177Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Cca
01-19-2023
4002ULW BELDEN-4002ULW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 12 AWG BC, LSZH, Cca
12-20-2022
4304ULW BELDEN-4304ULW Datasheet
152Kb / 2P
Security & Sound, 6 Conductor 18 AWG BC, LSZH, Cca
06-09-2023
4309ULW BELDEN-4309ULW Datasheet
151Kb / 2P
Security & Sound, 12 Conductor 18 AWG BC, LSZH, Cca
01-19-2023
4300FLW BELDEN-4300FLW Datasheet
185Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Shielded, Cca
12-20-2022
4343FLW BELDEN-4343FLW Datasheet
159Kb / 2P
Security & Sound, 4 Pairs 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com