Electronic Components Datasheet Search
  English  ▼

X  

5100FE Datasheet(PDF) 2 Page - Belden Inc.

Part # 5100FE
Description  Security & Sound, 2 Conductor 14 AWG, BC, Shielded, CL3R, FPLR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5100FE Datasheet(HTML) 2 Page - Belden Inc.

  5100FE Datasheet HTML 1Page - Belden Inc. 5100FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
104.1 lbs (47.22 kg)
Bulk Cable Weight:
37 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to Fire:
UL 1666 Riser, IEEE 1202 FT4, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 725, Article 760, CL3R, FPLR
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
6100FH
History
Update and Revision:
Revision Number: 0.527 Revision Date: 04-14-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC/EAN
Footnote
5100FE.00152
Chrome Reel
152 m
8719605007704
5100FE.00305
Chrome Reel
305 m
8719605007728
5100FE.001000
Chrome Reel
1,000 m 8719605007698
5100FE 008500
Gray
Reel
500 ft
612825156222
5100FE 0081000
Gray
Reel
1,000 ft
612825156246
C
5100FE 008U1000 Gray
UnReel
1,000 ft
612825423591
5100FE 008Z1000 Gray
ReelTuff Box 1,000 ft
612825156260
5100FE.003000
Gray
Reel
3,000 m 8719605007711
5100FE 0021000
Red
Reel
1,000 ft
612825423584
C
5100FE 002Z1000 Red
ReelTuff Box 1,000 ft
612825156239
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com