Electronic Components Datasheet Search
  English  ▼

X  

PESD1LIN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PESD1LIN
Description  LIN-bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1LIN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PESD1LIN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD1LIN
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 31 May 2011
6 of 12
Nexperia
PESD1LIN
LIN-bus ESD protection diode
7.
Application information
The PESD1LIN is designed for the protection of one LIN-bus signal line from the damage
caused by ESD and surge pulses. The PESD1LIN provides a surge capability of up to
160 W per line for a 8/20
s waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the PESD1LIN as close to the input terminal or connector as possible.
2. The path length between the PESD1LIN and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protection conductors in parallel with unprotected conductor.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 6.
Typical application: ESD protection of one automotive LIN-bus line
006aaa678
LIN
transceiver
PESD1LIN
CMASTER/SLAVE
CBAT
24 V
application (e.g. voltage regulator and microcontroller)
power application (e.g. electro motor, inductive loads)
LIN node
connector
15 V
BAT
GND
LIN
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com