Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348FPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # TMUX7348FPWR
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMUX7348FPWR Datasheet HTML 26Page - Texas Instruments TMUX7348FPWR Datasheet HTML 27Page - Texas Instruments TMUX7348FPWR Datasheet HTML 28Page - Texas Instruments TMUX7348FPWR Datasheet HTML 29Page - Texas Instruments TMUX7348FPWR Datasheet HTML 30Page - Texas Instruments TMUX7348FPWR Datasheet HTML 31Page - Texas Instruments TMUX7348FPWR Datasheet HTML 32Page - Texas Instruments TMUX7348FPWR Datasheet HTML 33Page - Texas Instruments TMUX7348FPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
IS (FA)
SW
SW
S1
S2
D
SW
S8
GND
A
GND
GND
VS
ID (FA)
A
N.C.
N.C.
GND
Unpowered
(VDD = VSS = VFP = VFN = 0 V)
IS (FA)
SW
SW
S1
S2
D
SW
S8
GND
A
GND
GND
VS
ID (FA)
A
N.C.
N.C.
N.C.
Floating
(VDD = VSS = VFP = VFN = N.C.)
VDD
VSS
VFP
VFN
VDD
VSS
VFP
VFN
Figure 8-5. Measurement Setup for Input and Output Leakage Current Under Overvoltage Fault with
Unpowered or Floating Supplies
8.5 Break-Before-Make Delay
The break-before-make delay is a safety feature of the TMUX7348F and TMUX7349F. The ON switches first
break the connection before the OFF switches make connection. The time delay between the break and the
make is known as break-before-make delay. Figure 8-6 shows the setup used to measure break-before-make
delay, denoted by the symbol tBBM.
3 V
VA
0 V
tBBM 1
0.8 VD
Output
0 V
tBBM = min ( tBBM 1, tBBM 2)
VD
tBBM 2
tr < 20 ns
tf < 20 ns
SW
S1
S2
D
SW
S8
GND
RL
GND
GND
SW
GND
Decoder
A0
A1
A2
GND
VA
GND
VS
GND
EN
VDD VSS
VFP VFN
VDD
VSS
GND
GND
0.1 µF
0.1 µF
CL
VEN
SW
S7
Figure 8-6. Break-Before-Make Delay Measurement Setup
TMUX7348F, TMUX7349F
SCDS400B – MARCH 2022 – REVISED JULY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com