Electronic Components Datasheet Search
  English  ▼

X  

GMS81504D Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # GMS81504D
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMS81504D Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button GMS81504D Datasheet HTML 30Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 31Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 32Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 33Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 34Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 35Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 36Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 37Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
R
-
ADEN
-
ADS2
ADS1
ADST
ADS0
ADSF
-
ADCM
A/D status bit (READ ONLY)
0: A/D conversion is in process.
1: A/D conversion is completed, not in
process.
A/D start bit
1: Setting this bit starts an A/D conversion.
After one cycle, bit is cleared to "0".
0: Bit force to zero.
Analog channel select
000~011: Reserved
100: channel 4 (R64/AN4)
101: channel 5 (R65/AN5)
110: channel 6 (R66/AN6)
111: channel 7 (R67/AN7)
A/D converter Enable bit
0: A/D converter module shut off and
consumes no operating current.
1: Enable A/D converter
RESERVED
ADDRESS: E8H
RESET VALUE: --00001
LSB
MSB
R/W
R/W
R/W
R/W
R/W
-
Figure 22. ADCM: A/D Converter Control Register
GMS81504
HYUNDAI MicroElectronics
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com