Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - Silicon Supplies

Part # BAT54
Description  30V 200mA Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BAT54 Datasheet(HTML) 1 Page - Silicon Supplies

  BAT54 Datasheet HTML 1Page - Silicon Supplies BAT54 Datasheet HTML 2Page - Silicon Supplies BAT54 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small-signal ultra-fast switching schottky diode in bare die form
Rev 1.1
13/07/23
30V 200mA Schottky Diode – BAT54
Features:
Die Dimensions in µm (mils)
230 (9.05)
350 (13.78)
ANODE
5 nanosecond max switching speed
Low forward voltage drop
200mA current rating
Guard-Ring for over-voltage protection
High reliability tested grades & matched
characteristic options.
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
ANODE
CHIP BACKSIDE IS CATHODE
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
Die Thickness <> 180µm(7 Mils) – On request
With additional electrical selection – On request
Page 1 of 3
www.siliconsupplies.com
Die Size (with scribe line)
350 x 350
13.78 x 13.781
µm
mils
Anode Pad Size
230 x 230
9.05 x 9.05
µm
mils
Die Thickness
180 (±15)
7.09 (±0.59)
µm
mils
Top Metal Composition
Al
Back Metal Composition
AuAs


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
logo
Formosa MS
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-30V
logo
Taiwan Semiconductor Co...
BAT43X TSC-BAT43X Datasheet
139Kb / 5P
SOD-523F IFSM=4A 30V/200mA Schottky Diode
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
Schottky Barrier Diode, 200mA, 30V Type
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com