Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0076 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD75P0076
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD75P0076 Datasheet HTML 31Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 32Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 33Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 34Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 35Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 36Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 37Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 38Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
µPD75P0076
33
Data Sheet U10232EJ1V1DS
9. ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25˚C)
Parameter
Symbol
Test Conditions
Rating
Unit
Power supply voltage
VDD
–0.3 to +7.0
V
PROM power supply
VPP
–0.3 to +13.5
V
voltage
Input voltage
VI1
Except ports 4, 5
–0.3 to VDD +0.3
V
VI2
Ports 4, 5 (N-ch open drain)
–0.3 to +14
V
Output voltage
VO
–0.3 to VDD +0.3
V
Output current high
IOH
Per pin
–10
mA
Total of all pins
–30
mA
Output current low
IOL
Per pin
30
mA
Total of all pins
220
mA
Operating ambient
TA
–40 to +85
˚C
temperature
Storage temperature
Tstg
–65 to +150
˚C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the reliability of the
product may be impaired. The absolute maximum ratings are values that may physically damage the
products. Be sure to use the products within the ratings.
CAPACITANCE (TA = 25˚C,VDD = 0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
15
pF
Output capacitance
COUT
Unmeasured pins returned to 0 V.
15
pF
I/O capacitance
CIO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com