Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0116CU Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD75P0116CU
Description  MOS INTEGRATED CIRCUIT
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0116CU Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD75P0116CU Datasheet HTML 10Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 11Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 12Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 13Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 14Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 15Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 16Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 17Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
µPD75P0116
12
Data Sheet U12603EJ1V1DS
4. SWITCHING BETWEEN MK I AND MK II MODES
Setting a stack bank selection (SBS) register for the
µPD75P0116 enables the program memory to be switched
between the Mk I mode and the Mk II mode. This capability enables the evaluation of the
µPD750104, 750106, or 750108
using the
µPD75P0116.
When the SBS bit 3 is set to 1: sets Mk I mode (corresponds to Mk I mode of
µPD750104, 750106, and 750108)
When the SBS bit 3 is set to 0: sets Mk II mode (corresponds to Mk II mode of
µPD750104, 750106, and 750108)
4.1 Differences between Mk I Mode and Mk II Mode
Table 4-1 lists the differences between the Mk I mode and the Mk II mode of the
µPD75P0116.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Item
Mk I mode
Mk II mode
Program counter
PC13-0
Program memory (bytes)
16384
Data memory (bits)
512
× 4
Stack
Stack bank
Selectable from memory banks 0 and 1
Stack bytes
2 bytes
3 bytes
Instruction
BRA !addr1
None
Provided
CALLA !addr1
Instruction
CALL !addr
3 machine cycles
4 machine cycles
execution time CALLF !faddr
2 machine cycles
3 machine cycles
Supported mask ROM versions and
Mk I mode of
µPD750104, 750106, and
Mk II mode of
µPD750104, 750106, and
mode
750108
750108
Caution
The Mk II mode supports a program area which exceeds 16K bytes in the 75X and 75XL series. This
mode enhances the software compatibility with products which have more than 16K bytes.
When the Mk II mode is selected, the number of stack bytes (usable area) used in execution of a
subroutine call instruction increases by 1 per stack compared to the Mk I mode. Furthermore, when
a CALL !addr, or CALLF !faddr instruction is used, each instruction takes another machine cycle.
Therefore, when more importance is attached to RAM utilization or throughput than software
compatibility, use the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com