Electronic Components Datasheet Search
  English  ▼

X  

115F Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 115F
Description  HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115F Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  115F Datasheet HTML 1Page - ATTEND Technology Inc. 115F Datasheet HTML 2Page - ATTEND Technology Inc. 115F Datasheet HTML 3Page - ATTEND Technology Inc. 115F Datasheet HTML 4Page - ATTEND Technology Inc. 115F Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
SOLDER ABILITY
Item
Requirement
Test Condition
Solderability
The surface of the portion
to be soldered shall at
least 95% covered
(EIA 364-52 )
After one hour steam aging.
The object of test procedure is to detail a unfirm
test methods for determining sim card connector
solderability.
The test procedure contained here utilizes the
solder dip technique. It is not intended to test or
evaluate solder cup, solder eyelet, other
hand-soldered type or SMT type terminations.
Resistance to
Soldering Heat
No mechanical defect on
housing or other parts.
1).for MANUAL SOLDERING:
Temperature
: 380 ± 10°C
Immersion duration : 3 ± 0.5 sec.
2).for REFLOW SOLDERING:
Pre-heat : 150(Min)~200(Max) °C,
60 ~180 Seconds
Temperature : 260 ± 5 °C
Immersion duration : 10~40 sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com