Electronic Components Datasheet Search
  English  ▼

X  

115G Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115G
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115G-AAAA-R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115G Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115G Datasheet HTML 1Page - ATTEND Technology Inc. 115G Datasheet HTML 2Page - ATTEND Technology Inc. 115G Datasheet HTML 3Page - ATTEND Technology Inc. 115G Datasheet HTML 4Page - ATTEND Technology Inc. 115G Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115G-AAAA-R
File
115G-AAAA-
R_Spec_2
Date
2016/3/31
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 115G-AAAA-R
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIAL AND FINISH
INSULATOR
Material
Housing: LCP UL 94V-0 , Black
CONTACT
Material
Contact: Phosphor Bronze C5210, 0.15T
Plating
Contact Area: 3u” Gold on Contact Area, Gold Flash on Solder Tails,
50u” Min. Nickel Under-Plating
SHELL
Material
Shell: Stainless Steel
Plating
RATING
Current Rating: 1 A / per pin Min.
Voltage Rating: 30V DC/per pin Max.
Storage Temperature : -40°C to +85°C
Operating Temperature: -40°C to +85°C


Similar Part No. - 115G

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
115G1-BK APP-115G1-BK Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
115G2-BK APP-115G2-BK Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
115G23 APP-115G23 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
115G23-BK APP-115G23-BK Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
115G3-BK APP-115G3-BK Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
More results

Similar Description - 115G

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com