Electronic Components Datasheet Search
  English  ▼

X  

115R Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115R
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115R-BCA0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115R Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115R Datasheet HTML 1Page - ATTEND Technology Inc. 115R Datasheet HTML 2Page - ATTEND Technology Inc. 115R Datasheet HTML 3Page - ATTEND Technology Inc. 115R Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115R-BCA0
File
115R-BCA0_Spec_2
Date
2023/01/10
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 115R-BCA0
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIAL AND FINISH
INSULATOR
Material
Housing: LCP, Black
CONTACT
Material
Contact: Copper Alloy 0.08T
Ground: Stainless 0.15T
Plating
Contact: 5u” selective gold plating on contact and solder area
Ground: G/F selective gold plating on solder area
Under plating nickel
SHELL
Material
Stainless 0.12T
Plating
50u” nickel plating
RATING
Voltage & Current: 10V AC/ DC, 0.5A Max.
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +85°C
Storage Humidity: +10%~+80% RH
ELECTRICAL
Item
Requirement
Test Condition
Current Rating
Temperature rise: 30°C
Max.
Current: 0.5A Max.
Apply the rated current to connector, EIA 364-70
Contact Resistance
Initially 50 mΩ Max.
Finally 100 mΩ Max after
test.
EIA-364-23C
Mate connectors with dry circuit (20 mV, 100mA
Max.)at 0.05mm away from housing top surface
(see appendix 1)
Insulation Resistance
(Initial) 1000 MΩ Min.
(Final) 500 MΩ Min.
EIA-364-21C
After 500 VDC for 1 minute, measure the
insulation resistance between the adjacent
contacts of mated and unmated connector
assemblies.
Dielectric Withstanding
Voltage
No shorting, breakdown,
flashover or other
damage.
Comply with EIA-364-20.Apply
500 VAC for one minute at sea level on unmated
connectors, less than 0.5 mA leakage current.


Similar Part No. - 115R

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115R

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com