Electronic Components Datasheet Search
  English  ▼

X  

303C Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 303C
Description  Pogo Machine Pin, Magnet Type, 4P H=4.15mm, Pitch 3.0, DIP, 20u", black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

303C Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  303C Datasheet HTML 1Page - ATTEND Technology Inc. 303C Datasheet HTML 2Page - ATTEND Technology Inc. 303C Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
303C
File
303C-321018-30-04
_SPEC_1
Date
2021/12/06
Scope:
This specification covers the requirements for product performance, test methods and quality
assurance provisions of below
Part Name
Description
303C-C4115-30-04
Pogo Machine Pin, Magnet Type, 4P H=4.15mm, Pitch 3.0, DIP, 20u", black
303C-321018-30-04
Pogo Pin, Magnet Type, 4Pin H4.6, Pitch 3.0, DIP, 5u", Black
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
HTN FR52G30NH, UL94V-0, Black
2
POGO PIN
Lead free brass C6801 or equivalent, gold plating over nickel
3
MACHINE PIN
Lead free brass C2801 or equivalent, gold plating over nickel
4
MAGNET
Neodymium magnet N48, nickel plating
5
GLUE
LTE-120HP
RATING
Rated Current
1A
Rated Voltage
12V DC
Operating Temperature
-30°C TO +60°C
Storage Temperature
-30°C TO +60°C
Durability
20,000 Cycles


Similar Part No. - 303C

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
303C-541219-25-05 ATTEND-303C-541219-25-05 Datasheet
374Kb / 6P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 303C-541219-25-05
2016/05/10
303C-C3018-25-05 ATTEND-303C-C3018-25-05 Datasheet
338Kb / 6P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 303C-C3018-25-05
2016/05/10
logo
Sangdest Microelectroni...
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
303CMQ SMCDIODE-303CMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
303CMQ080 SMC-303CMQ080 Datasheet
212Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 303C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RI-01 DBLECTRO-RI-01 Datasheet
644Kb / 2P
MACHINE INSERTABLE TYPE DIP SWITCH
logo
Bourns Electronic Solut...
SND BOURNS-SND Datasheet
227Kb / 2P
DIP Switch (Machine Insertable Type)
logo
DB Lectro Inc
RI-01 DBLECTRO-RI-01_07 Datasheet
373Kb / 2P
Machine Inertable Type Dip Switch
logo
Molex Electronics Ltd.
47244-0001 MOLEX-47244-0001 Datasheet
123Kb / 2P
Pogo Pin
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
2.54mm POGO PIN
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
SMT SPRING LOADED POGO PIN
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
logo
Hitachi Semiconductor
DNA1001D HITACHI-DNA1001D Datasheet
126Kb / 2P
DIP 16 Pin Type
logo
ATTEND Technology Inc.
303D ATTEND-303D Datasheet
287Kb / 3P
Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black
2022/04/07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com