Electronic Components Datasheet Search
  English  ▼

X  

AVAS-402 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AVAS-402
Description  Medical VMS/Recorder and Computing Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AVAS-402 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AVAS-402 Datasheet HTML 1Page - Advantech Co., Ltd. AVAS-402 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
AVAS-402
ƒ
Multi channels are supported to record 4K and FHD medical videos
simultaneously
ƒ
H.265 recording technique enables to save high quality video while
conserving storage capacity
ƒ
Video source can be previewed with 4Kp60 to make medical video accessible
ƒ
An open SDK and API enable user to integrate the product into environment
or workflow management system
ƒ
Support Windows 10/Linux Kernel Operation System, FCC/CE/UL/CB/CCC/
IEC-606061-1/IEC-60601-1-2 4th certifications
ƒ
Support windows video recording and video management software
ƒ
Support Intel® 9th Core™ I processor
ƒ
Support software RAID 0,1,5,10, TPM 1.2/2.0 (optional)
Introduction
With the 4K UHD picture resolution, AVAS-402 video recorders provide accurate and superior view of surgical procedure recordings. The AVAS-402 is perfect for surgery centers,
operating rooms and training seminars to achieve the accuracy requirement for their procedures, which could also integrate for simultaneous display on monitors with diverse
configurations at the same time.
Specifications
Video
Input Resolution (Capture Cards)
Up to 4K UHD
Output Resolution (Displays)
Up to 4K UHD
Compression Format
MPEG2 H.264, H265
Audio
Audio
2 (Mic-in/ Line-out) (Mic-in could be configured as “Line-in” under Win OS.)
System
CPU
Intel® Core™ i7-9700E
Memory
16G
SSD
1TB
Wifi
Intel® Wireless 802.11abgn + ac R2 MIMO 2 x 2 + MU-MIMO
BT
Intel® Bluetooth® 5.0
I/O
Video Display I/O
HDMI x 1, display port x 2
Ethernet
RJ-45 x 2
USB Host
10 (2 x USB 3.1, 4 x USB 3.0, 4 x USB 2.0)
Audio Out/In
2 for audio out / in 3.5mm stereo jack connectors
Rs232
RS-232 x 1
M.2 (M Key)
1 x 2280 NVMe PCIex4 and SATA M.2 support
M.2 (E Key)
1 x 2230 for Wi-Fi
Power
500W medical internal PSU, 100-240V AC in
Certification
FCC/CE/UL/CB/CCC/IEC-606061-1/IEC-60601-1-2
Environmental
Operation Temperature
0 °C to +40 °C
Storage Temperature
-10 °C to +50 °C
Dimension & Weight
320 x 329 x 145 mm, 10Kg
SDK Main Function
Streaming control, capture, recording, streaming, playback, editing, and tools
Medical VMS/Recorder and Computing Platform
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 11-May-2023


Similar Part No. - AVAS-402

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AVAS-212 ADVANTECH-AVAS-212 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-HNN0-D00 ADVANTECH-AVAS-212-HNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-KNN0-D00 ADVANTECH-AVAS-212-KNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-212-VNN0-D00 ADVANTECH-AVAS-212-VNN0-D00 Datasheet
693Kb / 3P
Medical-Grade Video Streamer
12-Aug-2020
AVAS-60 ADVANTECH-AVAS-60 Datasheet
121Kb / 1P
Integrated Mobile Surgical Workstation
9-Jul-2021
More results

Similar Description - AVAS-402

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLAG665F UTC-UTCLAG665F Datasheet
67Kb / 5P
RADIO AND CASSETTE RECORDER CIRCUIT
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
logo
Broadcom Corporation.
BCM1500TRP BOARDCOM-BCM1500TRP Datasheet
523Kb / 2P
CALISTO TEST AND REFERENCE PLATFORM
logo
AAEON Technology
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
Nanodac Recorder
logo
DFI Inc
MD711-SU DFI-MD711-SU Datasheet
763Kb / 4P
Medical Computing System
logo
Moxa Inc.
UC-3100 MOXA-UC-3100 Datasheet
3Mb / 10P
Arm-based computing platform with wireless built in
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
PC Recorder Series PC RECORDER SOFTWARE PACKAGE
logo
Logic Fruit Technologie...
IF-RECORDER LFTECH-IF-RECORDER Datasheet
682Kb / 3P
IF RECORDER AND PLAYBACK SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com