Electronic Components Datasheet Search
  English  ▼

X  

MP6545GF-Z Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6545GF-Z
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF-Z Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6545GF-Z Datasheet HTML 2Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
6
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL TIMIMG CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
5
LSx
OUTx
6
1
HSx
2
6
5
3
4
OUTx
Figure 1: Timing Diagram
Table 1: Timing Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
HSx high to OUTx high delay time
t1
10mA load connected
from OUTx to GND
40
360
ns
HSx low to OUTx low delay time
t2
40
360
ns
LSx high to OUTx low delay time
t3
10mA load connected
from OUTx to VIN
40
360
ns
LSx low to OUTx high delay time
t4
40
360
ns
Output rising time
t5
1
55
ns
Output falling time
t6
1
165
ns
Dead time
--
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com