Electronic Components Datasheet Search
  English  ▼

X  

311 Datasheet(PDF) 2 Page - Morse Mfg. Co., Inc.

Part # 311
Description  Drum TumblrsTM with Automated Control Package and Safety Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

311 Datasheet(HTML) 2 Page - Morse Mfg. Co., Inc.

  311 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 311 Datasheet HTML 2Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F311
(Updated 5 May, 2023)
2
MADE
IN
USA
The Specialist In Drum Handling Equipment
311 Series
Drum TumblrsTM with Automated
Control Package and Safety Enclosure
Safety Enclosure Dimensions
Parts List
Qty.
Width
Height
Description
1
4’ 0” (123 cm)
5’ 0” (152.4 cm)
Wire Mesh Panel
2
7’ 0” (213 cm)
5’ 0” (152.4 cm)
Wire Mesh Panel
1
3’ 10-7/8” (119 cm)
5’ 0” (152.4 cm)
Hinge Door
4
2” (5.1 cm)
5’ 3.25” (161 cm)
Corner Post



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com