Electronic Components Datasheet Search
  English  ▼

X  

400 Datasheet(PDF) 2 Page - Morse Mfg. Co., Inc.

Part # 400
Description  Hydra-Lift Karriers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

400 Datasheet(HTML) 2 Page - Morse Mfg. Co., Inc.

  400 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 400 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 400 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Specialist In Drum Handling Equipment
Hydra-Lift Karriers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F400
(Updated 11 Aug, 2023)
2
MADE
IN
USA
MORCINCHTM drum holder automatically adjusts for 22” to 23.5” (56
to 59.7 cm) diameter drum. Use cinch chain with pawl and ratchet
mechanism to secure drum in holder.
To safely handle other drums, you MUST install one of the following:
Bracket Assembly provides a brace
at top and bottom of drum to prevent
it from slipping length-ways. It is
REQUIRED to handle a RIMLESS
plastic drum, and recommended to
more securely handle a fiber drum.
Adjust for 31” to 39” (79 to 99 cm) tall
drum.
Kit # 4556-P Bracket Assembly
Kit # 4556M-P Spark Resistant Bracket
Assembly
Top Rim Clamp grips upper drum rim
to prevent it from slipping length-ways.
Handle 30-gallon to 55-gallon (114 to
210 liter) size RIMMED plastic or fiber
drum.
Kit # 4560B-P Rim Clamp Assembly
Kit # 4560BM-P Spark Resistant Rim
Clamp Assembly.
DIAMETER ADAPTERS
DIAMETER
AdapterS
SPARK
RESISTANT
DIAMETER
AdapterS
STAINLESS
STEEL
DIAMETER
AdapterS
FITS
DIAMETER
DOMESTIC
SHIP
WEIGHT
55/30-20.5 55/30M-20.5 55/30SS-20.5 20” to 20.5” (50.8 to 52.1 cm) 20 Lb. (9 kg)
55/30-19
55/30M-19
55/30SS-19
18.5” to 19” (47 to 48.3 cm) 24 Lb. (11 kg)
55/30-17.5 55/30M-17.5 55/30SS-17.5 17” to 17.5” (43.2 to 44.5 cm) 35 Lb. (16 kg)
55/30-16
55/30M-16
55/30SS-16
15.5” to 16” 39.4 to 40.6 cm) 35 Lb. (16 kg)
55/30-14.5 55/30M-14.5 55/30SS-14.5 14” to 14.5” (35.6 to 36.8 cm) 36 Lb. (16 kg)
MORCINCHTM Kits
Power Lift Models
To order complete model with power options, use power option number below as suffix
on manual model number. See complete models on page 3.
Power-Tilt must be ordered on NEW model from the factory. All powered models are
shipped fully assembled.
Power-Lift Models ease drum
lifting, but retain manual tilt
control. Hand crank tilt control
is on 60” lift height units.
Models with 72” and 96" lift
heights have pull chain and
chain wheel tilt control.
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-120
AC, 1HP/115V, TEFC Switch, Cord, Plug
40 Lb. (18.1 kg)
-124
Air, Vane Type
On/Off Valve
25 Lb. (11.4 kg)
-125
DC, 12V
Built-in
85 Lb. (38.6 kg)
Electric Power Lift
Use switch to raise drum.
Lower drum with manual
release valve.
Air Motor Power Lift
Use on/off valve to raise
the drum. Lower drum with
manual release valve. Air motor
Requirements: 40 to 60 PSI at
40 SCFM.
Battery Power Lift
Self contained battery power-
lift. Operate battery power
controls to raise and lower
drum. Separate charger is
included.
Power Lift and Tilt Models
Power Lift and Tilt Models
make drum handling easier
and faster. There are two hand
valve controls: One for power-
lift function and a second for
power-tilt.
Existing manual lift models can be converted to power lift. Order Power-Lift Kit for “Field
installation,” such as O-120FI, O-124FI, or O-125FI.
Option # G-400
Optional 3-Piece Drum Holder is
for handling ONLY 22.5” (57.2 cm)
diameter 55-gallon (210 liter) steel
drum. Surrounds drum with metal
band, hinged on each side.
Optional 3-Piece Drum Holder
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-110
AC, 1HP/115V, TEFC Switch, Cord, Plug
75 Lb. (34 kg)
-114
Air, Vane Type
On/Off Valve
95 Lb. (43 kg)
-115
DC, 12V
Built-in
120 Lb. (54.4 kg)
Electric Power Lift & Tilt
Hold momentary switch and lift
valve to raise drum. Use 2nd
valve to control hydraulically
driven drum tilt. Lower drum
with manual release valve.
Air Power Lift and Tilt
Hold on/off valve and lift valve
to raise drum. Use 2nd valve to
control hydraulically driven drum
tilt. Lower drum with manual
release valve.
Air motor Requirements: 40 to
60 PSI at 40 SCFM.
Battery Power Lift and Tilt
Hold momentary switch and lift
valve to raise drum. Use 2nd
valve to control drum tilt. Lower
drum with manual release valve.
Battery charger is included.
Web Strap with Ratchet
Option # 5115i-P Web Strap and Ratchet
(not for use on spark resistant models)
NOTE: 12V Deep Cycle Lead Acid Battery is designed for domestic shipment only. For export shipment,
choose the following battery option:
•
Option “NB” No Battery. Customer must obtain battery before use... Exide # 27MDP 12V Deep
Cycle Battery or equivalent.
Kit 4560B-P
Insert correct size Diameter Adapter for smaller durm. Simply insert
adapter into standard drum holder without tools. Adapters for 17.5” (44.5
cm) diameter or smaller have integrated brackets at top and bottom
of drum. Adjust for up to 38” (96.5 cm) tall drum. Spark resistant and
stainless steel Adapters also available.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com