Electronic Components Datasheet Search
  English  ▼

X  

NT5DS64M4AW Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AW
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AW Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AW Datasheet HTML 40Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 41Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 42Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 43Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 44Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 45Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 46Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 47Page - List of Unclassifed Manufacturers NT5DS64M4AW Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
44
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Precharge
The Precharge command is used to deactivate the open row in a particular bank or the open row in all banks. The
bank(s) is available for a subsequent row access some specified time (tRP) after the Precharge command is
issued. Input A10 determines whether one or all banks are to be precharged, and in the case where only one bank
is to be precharged, inputs BA0, BA1 select the bank. When all banks are to be precharged, inputs BA0, BA1 are
treated as “Don’t Care.” Once a bank has been precharged, it is in the idle state and must be activated prior to any
Read or Write commands being issued to that bank.
Precharge Command
BA
HIGH
BA = bank address
CK
CK
CKE
CS
RAS
CAS
WE
A10
BA0, BA1
Don’t Care
All Banks
One Bank
(if A10 is Low, otherwise Don’t Care).
A0-A9, A11, A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com