Electronic Components Datasheet Search
  English  ▼

X  

PA142 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA142
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA142 Datasheet(HTML) 1 Page - Cirrus Logic

  PA142 Datasheet HTML 1Page - Cirrus Logic PA142 Datasheet HTML 2Page - Cirrus Logic PA142 Datasheet HTML 3Page - Cirrus Logic PA142 Datasheet HTML 4Page - Cirrus Logic PA142 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT—2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120 mA PEAK
• AVAILABLE IN DIE FORM—CPA141
APPLICATIONS
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• BIOCHEMISTRY STIMULATORS
• COMPUTER TO VACUUM TUBE INTERFACE
DESCRIPTION
The PA141/PA142 are high voltage monolithic MOSFET
operational amplifiers achieving performance features
previously found only in hybrid designs while increasing
reliability. Inputs are protected from excessive common mode
and differential mode voltages. The safe operating
area (SOA) has no second breakdown limitations and
can be observed with all type loads by choosing
an appropriate current limiting resistor. External com-
pensation provides the user flexibility in choosing
optimum gain and bandwidth for the application.
The PA141 is packaged in a hermetically sealed TO-3
and all circuitry is isolated from the case by an aluminum
nitride (AlN) substrate.
The PA142 is packaged in APEX’s hermetic ceramic
SIP package.
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA141/PA142 • PA141A/PA142A
TYPICAL APPLICATION
A1
PA141/142
A2
PA141/142
20R
PIEZO
TRANSDUCER
20R
Rn
20R
Cn
R
V IN
–175
+175
–175
+175
RCL
RCL
180
180
2.2K
10pF
10pF
330pF
330pF
100
Ω
100
Ω
2.2K
Ref: APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
LOW COST 660V p-p
PIEZO DRIVE
Two PA141/PA142 amplifiers operated as a bridge driver
for a piezo transducer provides a low cost 660 volt total drive
capability. The R
N CN network serves to raise the apparent
gain of A2 at high frequencies. If R
N is set equal to R the
amplifiers can be compensated identically and will have
matching bandwidths.
4
7
–IN
OUT
+V
S
–V
S
1
8
6
+IN
5
D2
D3
D4
D5
Q5
Q4
Q1
Q11
Q12
D1
Q2
Q6
Q8
Q13
Q14
Q10
Q9
Q7
Q3
I
LIM
2
COMP
3
COMP
(5)
(10)
(7)
(6)
(8)
(9)
(2)
(1)
5
(1)
PA141 PIN NUMBER
PA142 PIN NUMBER
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
RCL
CC
100
Ω
12
3
4
5
6
78
9
10
–IN
+IN
NC
–V
S
CC
ILIM
CS
CC
RC
OUT
NC
330pf
+V
S
TOP VIEW
RS
PA142
R CL
TOP VIEW
1
2
3
4
5
6
7
8
OUT
ILIM
–VS
+VS
COMP
–IN
+IN
C ,C
ARE NPO RATED
FOR FULL SUPPLY VOLTAGE.
=
3
COMP
CC
100
Ω
330pF
R C
R
CL
I LIM
S
C S
C
R S
NOTE: PA141 Recommended mounting torque is 4-7 in•lbs
(.45 -.79 N•m)
CAUTION: The use of compressible, thermally conductive
insulators may void warranty.
PHASE
COMPENSATION
Gain
C
C
R
C
1
18pF
2.2K
10
10pF
2.2K
30
3.3pF
2.2K
PA141
8-PIN TO-3
PACKAGE STYLE CE
10-PIN SIP
PACKAGE STYLE DW


Similar Part No. - PA142

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Vishay Siliconix
PA140 VISHAY-PA140 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Protek Devices
PA1418FV PROTEC-PA1418FV Datasheet
637Kb / 6P
STEREO FM TRANSMITTER
logo
Pulse A Technitrol Comp...
PA1434NL PULSE-PA1434NL Datasheet
462Kb / 4P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1442NL PULSE-PA1442NL Datasheet
279Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
More results

Similar Description - PA142

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com