Electronic Components Datasheet Search
  English  ▼

X  

BU4507AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU4507AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4507AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BU4507AX Datasheet HTML 1Page - NXP Semiconductors BU4507AX Datasheet HTML 2Page - NXP Semiconductors BU4507AX Datasheet HTML 3Page - NXP Semiconductors BU4507AX Datasheet HTML 4Page - NXP Semiconductors BU4507AX Datasheet HTML 5Page - NXP Semiconductors BU4507AX Datasheet HTML 6Page - NXP Semiconductors BU4507AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4507AX
Fig.7. High and low DC current gain.
Fig.8. Test Circuit RBSOA.
Fig.9. Reverse bias safe operating area. T
j ≤ Tjmax
Fig.10. Typical collector-emitter saturation voltage.
Fig.11. Typical base-emitter saturation voltage.
Fig.12. Typical collector storage and fall time.
I
C =4 A; Tj = 85˚C; f = 16kHz
0.001
0.01
0.1
1
10
1
10
100
BU4507AF
Ths = 25 C
Ths = 85 C
VCE = 5V
hFE
IC / A
0.1
1
10
100
0.01
0.1
1
10
IC/IB = 5
Ths = 25 C
Ths = 85 C
BU4507AF/X/Z
VCEsat / V
IC / A
0
0.5
1
1.5
2
2.5
3
0.6
0.7
0.8
0.9
1
1.1
1.2
Ths = 25 C
Ths = 85 C
IC = 4 A
VBEsat / V
IB / A
BU4507AF/X/Z
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
ICsat = 4 A
Ths = 85 C
Freq = 16 kHz
ts
tf
ts/tf / us
IB / A
100
0
10
20
30
VCE / V
IC / A
BU2507
1500
1000
August 1998
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com