Electronic Components Datasheet Search
  English  ▼

X  

SOD4002 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SOD4002
Description  1 Amp Standard Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SOD4002 Datasheet(HTML) 3 Page - Micro Commercial Components

  SOD4002 Datasheet HTML 1Page - Micro Commercial Components SOD4002 Datasheet HTML 2Page - Micro Commercial Components SOD4002 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


!

1
"
3
-


%4 #
%4 #versus
560$"(*0$

0$


"


 
"
 -
!




-

!
0$ &
+ ,47versus
%6  %4 /$/$
/$
!
"


µ


!
"
-



!
"


!
"


2°
!

"



!

2°

  
MCC
www.mccsemi.com
Revision: 3
2003/04/30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com