Electronic Components Datasheet Search
  English  ▼

X  

VSC7139 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7139
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7139 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7139 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7139
Quad Transceiver for
Gigabit Ethernet and Fibre Channel
G52196-0, Rev 3.3
Page 13
5/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
R5, P5
R7, P7
P11, R11
P13, R13
TA+, TA-
TB+, TB-
TC+, TC-
TD+, TD-
OUTPUT - Differential PECL (AC Coupling recommended)
These pins output the serialized transmit data for Channel x when PLUP is LOW. When
PLUP is HIGH, Tx+ is HIGH and Tx- is LOW.
D1, D2, E3
E4, C1, C2
C3, B1, B2
B3
RA0, RA1, RA2
RA3, RA4, RA5
RA6, RA7, RA8
RA9
OUTPUT - TTL: 10-bit Receive bus for Channel A. Parallel data on this bus is
synchronous to RCA0 and RCA1. RA0 is the first bit received.
A6, B6, C6
D6, A7, D7
A8, B8, C8
D8
RB0, RB1, RB2
RB3, RB4, RB5
RB6, RB7, RB8
RB9
OUTPUT - TTL: 10-bit Receive bus for Channel B. Parallel data on this bus is
synchronous to RCB0 and RCB1. RB0 is the first bit received.
B11, A12, B12
C12, D12, B13
C13, D13, A14
B14
RC0, RC1, RC2
RC3, RC4, RC5
RC6, RC7, RC8
RC9
OUTPUT - TTL: 10-bit Receive bus for Channel C. Parallel data on this bus is
synchronous to RCC0 and RCC1. RC0 is the first bit received.
C17, D14, D15
D16, D17, E16
E17, F14, F15
F16
RD0, RD1, RD2
RD3, RD4, RD5
RD6, RD7, RD8
RD9
OUTPUT - TTL: 10-bit Receive bus for Channel D. Parallel data on this bus is
synchronous to RCD0 and RCD1. RD0 is the first bit received.
T1
RCM
INPUT - TTL: Recovered clock MODE control. When LOW, RCx0/RCx1 is 1/20th of the
incoming baud rate. When HIGH, RCx0/RCx1 is 1/10th the incoming baud rate.
E1
E2
RCA0
RCA1
OUTPUT - Complementary TTL: Recovered complementary clocks for Channel A at 1/
10th the incoming baud rate (RCM=HIGH) or 1/20th (RCM=LOW). Synchronous to the
RA(0:9) and SYNCA bus.
A5
B5
RCB0
RCB1
OUTPUT - Complementary TTL: Recovered complementary clocks for Channel B at 1/
10th the incoming baud rate (RCM=HIGH) or 1/20th (RCM=LOW). Synchronous to the
RB(0:9) and SYNCB bus.
C10
D10
RCC0
RCC1
OUTPUT - Complementary TTL: Recovered complementary clocks for Channel C at 1/
10th the incoming baud rate (RCM=HIGH) or 1/20th (RCM=LOW). Synchronous to the
RC(0:9) and SYNCC bus.
B16
B17
RCD0
RCD1
OUTPUT - Complementary TTL: Recovered complementary clocks for Channel D at 1/
10th the incoming baud rate (RCM=HIGH) or 1/20th (RCM=LOW). Synchronous to the
RD(0:9) and SYNCD bus.
U4, U3
U7, U6
U11, U10
U14, U13
RA+, RA-
RB+, RB-
RC+, RC-
RD+, RD-
INPUT - Differential PECL (AC Coupling recommended): Serial receive data inputs for
Channel x which are selected when PLUP is LOW. [Internally biased to VDD/2]
N14
PLUP
INPUT - TTL: Parallel Loopback Enable input. Rx is input to the CRU for Channel x
(normal operation) when PLUP is LOW. When HIGH, internal loopback paths from Tx
to Rx are enabled. Refer to Table 2.
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com