Electronic Components Datasheet Search
  English  ▼

X  

UPD3729D Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD3729D
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD3729D Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD3729D Datasheet HTML 9Page - Renesas Technology Corp UPD3729D Datasheet HTML 10Page - Renesas Technology Corp UPD3729D Datasheet HTML 11Page - Renesas Technology Corp UPD3729D Datasheet HTML 12Page - Renesas Technology Corp UPD3729D Datasheet HTML 13Page - Renesas Technology Corp UPD3729D Datasheet HTML 14Page - Renesas Technology Corp UPD3729D Datasheet HTML 15Page - Renesas Technology Corp UPD3729D Datasheet HTML 16Page - Renesas Technology Corp UPD3729D Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
µPD3729
11
5.
Dark signal non-uniformity: DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula.
6.
Output impedance: ZO
Impedance of the output pins viewed from outside.
7.
Response: R
Output voltage divided by exposure (Ix•s).
Note that the response varies with a light source (spectral characteristic).
8.
Image lag: IL
The rate between the last output voltage and the next one after read out the data of a line.
ADS
DSNU
Register Dark
DC level
VOUT
V1
IL (%) =
×100
VOUT
VOUT
φTG
Light
VOUT
ON
OFF
V1
dj : Dark signal of valid pixel number j
DSNU (mV) : maximum of
dj − ADS j = 1 to 5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com