Electronic Components Datasheet Search
  English  ▼

X  

UPD4711BGS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD4711BGS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4711BGS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD4711BGS Datasheet HTML 1Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 2Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 3Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 4Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 5Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 6Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 7Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 8Page - Renesas Technology Corp UPD4711BGS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1995
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD4711B
RS-232 LINE DRIVER/RECEIVER
The
µPD4711B is a high-voltage silicon gate CMOS line driver/reciever conforming to the EIA/TIA-232-E standard.
It can operate with a single +5 V power source because it is provided with a DC-DC converter. In addition, this line
driver/receiver has many ancillary functions, including output control, threshold select, and standby functions.
Because the
µPD4711B is provided with two output driver circuits and two receiver circuits, it can constitute an RS-
232 interface circuit with a single chip.
FEATURES
•
Conforms to EIA/TIA-232-E (RS-232C) standard
•
+5 V single power source
•
Threshold select pin selecting two types of threshold voltages
•
Standby mode can be set by making standby pin high to reduce circuit current.
•
Three-state output configuration. Both driver and receiver outputs go into high-impedance state in standby mode.
ORDERING INFORMATION
Part Number
Package
µPD4711BCX
20-pin plastic DIP (300 mil)
µPD4711BGS
20-pin plastic SOP (300 mil)
The information in this document is subject to change without notice.
Document No. S10315EJ3V1DS00 (3rd edition)
Date Published April 1997 N
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com