Electronic Components Datasheet Search
  English  ▼

X  

UPD4721 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD4721
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4721 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD4721 Datasheet HTML 7Page - Renesas Technology Corp UPD4721 Datasheet HTML 8Page - Renesas Technology Corp UPD4721 Datasheet HTML 9Page - Renesas Technology Corp UPD4721 Datasheet HTML 10Page - Renesas Technology Corp UPD4721 Datasheet HTML 11Page - Renesas Technology Corp UPD4721 Datasheet HTML 12Page - Renesas Technology Corp UPD4721 Datasheet HTML 13Page - Renesas Technology Corp UPD4721 Datasheet HTML 14Page - Renesas Technology Corp UPD4721 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9
µPD4721
ELECTRICAL SPECIFICATIONS (RECEIVER)
(Unless otherwise specified, VCC = 3.0 to 5.5 V, TA = –40 to +85
°C, C1 to C5 = 1
µF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-Level Output Voltage
VOL1
IOUT = 4 mA, STBY = H
0.4
V
High-Level Output Voltage
VOH1
IOUT = –4 mA, STBY = H
VCC – 0.4
V
Low-Level Output Voltage
VOL2
IOUT = 4 mA, STBY = L
0.5
V
High-Level Output Voltage
VOH2
IOUT = –4 mA, STBY = L
VCC – 0.5
V
Propagation Delay Time
tPHL
RIN
→ ROUT, CL = 150 pF
(STBY = H)
tPLH
VCC = +3.0 V, Note 13
Input Resistor
RI
3
5.5
7
k
Ω
Input Pin Open Voltage
VIO
0.5
V
VIH
VCC = +3.0 to +5.5 V
1.7
2.3
2.7
V
VIL
VCC = +3.0 to +5.5 V
0.7
1.1
1.7
V
VH
VCC = +3.0 to +5.5 V (Hysteresis width)
0.5
1.2
1.8
V
Standby Output Transfer Time
tDAH
Note 15
0.2
3
µs
VCHA = H (3 V mode) Note 15
0.6
3
ms
VCHA = L (5 V mode) Note 15
0.3
1
ms
VCHA = H (3 V mode) Note 16
13
ms
VCHA = L (5 V mode) Note 17
0.5
1
ms
* The TYP. values are for reference at TA = 25
°C.
0.2
µs
Input Threshold (STBY = H)
Standby Output Transfer Time
tDHA
Power-On Reset Release Time
tPRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com