Electronic Components Datasheet Search
  English  ▼

X  

UPD78P324LP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD78P324LP
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD78P324LP Datasheet HTML 1Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 2Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 3Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 4Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 5Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 6Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 7Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 8Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
µPD78P324, 78P324(A)
3
DIFFERENCES AMONG
µPD78P324, 78P324(A), 78P324(A1), AND 78P324(A2)
Product Name
Parameter
Quality grade
Operating ambient tempera-
ture (TA)
Operating frequency
Minimum instruction
execution time
Permissible pin injection
current characteristics on
overvoltage application
DC characteristics
AC characteristics
A/D converter characteristics
One-time PROM product
EPROM product
µPD78P324
µPD78P324(A)
µPD78P324(A1)
µPD78P324(A2)
Standard
Special
–10 to +70
°C
–40 to +85
°C
–40 to +110
°C
–40 to +125
°C
8 to 16 MHz
8 to 12.5 MHz
250 ns (when operated at 16 MHz)
320 ns (when operated at 12.5 MHz)
None
Provided
Differ in the analog pin input leak current, the VDD supply current, and the data retention
current.
Differ in the bus timing.
Differ in the analog input voltage and the A/D converter data retention current.
Provided
Provided
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com