Electronic Components Datasheet Search
  English  ▼

X  

FSB50760BSFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB50760BSFS
Description  600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50760BSFS Datasheet(HTML) 3 Page - ON Semiconductor

  FSB50760BSFS Datasheet HTML 1Page - ON Semiconductor FSB50760BSFS Datasheet HTML 2Page - ON Semiconductor FSB50760BSFS Datasheet HTML 3Page - ON Semiconductor FSB50760BSFS Datasheet HTML 4Page - ON Semiconductor FSB50760BSFS Datasheet HTML 5Page - ON Semiconductor FSB50760BSFS Datasheet HTML 6Page - ON Semiconductor FSB50760BSFS Datasheet HTML 7Page - ON Semiconductor FSB50760BSFS Datasheet HTML 8Page - ON Semiconductor FSB50760BSFS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FSB50760BSF / FSB50760BSFS
www.onsemi.com
3
PIN DESCRIPTIONS
Pin No.
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2
VB(U)
Bias Voltage for U Phase High Side FRFET Driving
3
VDD(U)
Bias Voltage for U Phase IC and Low Side FRFET Driving
4
IN(UH)
Signal Input for U Phase High−side
5
IN(UL)
Signal Input for U Phase Low−side
6
N.C
N.C
7
VB(V)
Bias Voltage for V Phase High Side FRFET Driving
8
VDD(V)
Bias Voltage for V Phase IC and Low Side FRFET Driving
9
IN(VH)
Signal Input for V Phase High−side
10
IN(VL)
Signal Input for V Phase Low−side
11
VTS
Output for HVIC Temperature Sensing
12
VB(W)
Bias Voltage for W Phase High Side FRFET Driving
13
VDD(W)
Bias Voltage for W Phase IC and Low Side FRFET Driving
14
IN(WH)
Signal Input for W Phase High−side
15
IN(WL)
Signal Input for W Phase Low−side
16
N.C
N.C
17
P
Positive DC–Link Input
18
U, VS(U)
Output for U Phase & Bias Voltage Ground for High Side FRFET Driving
19
NU
Negative DC–Link Input for U Phase
20
NV
Negative DC–Link Input for V Phase
21
V, VS(V)
Output for V Phase & Bias Voltage Ground for High Side FRFET Driving
22
NW
Negative DC–Link Input for W Phase
23
W, VS(W)
Output for W Phase & Bias Voltage Ground for High Side FRFET Driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com