Electronic Components Datasheet Search
  English  ▼

X  

MJK31C Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJK31C
Description  Power Transistor, NPN, Dual General Purpose 100 V, 3 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJK31C Datasheet(HTML) 4 Page - ON Semiconductor

  MJK31C Datasheet HTML 1Page - ON Semiconductor MJK31C Datasheet HTML 2Page - ON Semiconductor MJK31C Datasheet HTML 3Page - ON Semiconductor MJK31C Datasheet HTML 4Page - ON Semiconductor MJK31C Datasheet HTML 5Page - ON Semiconductor MJK31C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJK31C
www.onsemi.com
4
TYPICAL CHARACTERISTICS (continued)
Figure 7. Current−Gain−Bandwidth Product
Figure 8. Power Derating
Figure 9. Typical Transient Thermal Response, Junction−to−Case
T, TEMPERATURE (°C)
125
100
75
25
0
0.5
1.5
2.5
3.0
50
2.0
1.0
150
0
t, PULSE TIME (sec)
0.01
0.001
1
0.0001
0.1
0.00001
10
0.000001
0.001
0.1
1
10
100
100
1000
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
0.01
0.0000001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com