Electronic Components Datasheet Search
  English  ▼

X  

2170204 Datasheet(PDF) 1 Page - Lapp.

Part # 2170204
Description  UNITRONIC® BUS LD 2x2x0,22 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170204 Datasheet(HTML) 1 Page - Lapp.

  2170204 Datasheet HTML 1Page - Lapp. 2170204 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170204
DATA SHEET
valid from:
01.03.2021
2x2x0,22 mm²
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170204EN
Version:
06
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
is a screened, twisted paired cable for bus systems with a data transmission rate up to 10 MBit/s. The twisting of
the conductors into pairs ensures maximum interference suppression of the individual signals.
The copper screening protects against external electromagnetic influences. Cables of this composition are intended for limited flexible use
and for permanent installaton in dry and damp interiors.
Design
Conductor
stranded, bare copper
0,22 mm²
Insulation
polyolefin
core diameter:
nom. 1.3 mm
Core identification code
pair 1: white/brown
pair 2: green/yellow
Stranding
cores stranded to pairs, pairs stranded to bundle
on top:
plastic tape (overlapping)
Screen
braid of tinned copper wires (coverage 85 % ±5 %)
Taping
optional:
non-woven tape (overlapping)
Outer sheath
PVC
violet, similar RAL 4001
outer diameter:
nom. 7.1 mm (± 0.3 mm)
.
Electrical properties at 20 °C
Loop resistance
max. 175.2 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
max. 60 nF/km (at 800 Hz)
Characteristic impedance
100 Ω up to 120 Ω
Attenuation
100 kHz:
≤ 0.9 dB/100 m
1 MHz:
≤ 2.5 dB/100 m
10 MHz:
≤ 7.9 dB/100 m
Near-end cross-talk
1 MHz:
≥ 50 dB
10 MHz:
≥ 40 dB
Velocity of propagation
0.66 c
Transfer impedance
1 MHz:
≤ 50 mΩ/m
10 MHz:
≤ 100 mΩ/m
Maximum operating voltage
250 V (not for power applications)
Test voltage
core/core:
1500 V
core/screen:
1500 V


Similar Part No. - 2170204

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170200-1 TEC-2170200-1 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170202-2 TEC-2170202-2 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170207-1 TEC-2170207-1 Datasheet
1Mb / 6P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170207-2 TEC-2170207-2 Datasheet
1Mb / 6P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170207-3 TEC-2170207-3 Datasheet
1Mb / 6P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170204

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170208 LAPP-2170208 Datasheet
249Kb / 2P
UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
15.07.2020
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170227 LAPP-2170227 Datasheet
192Kb / 2P
UNITRONIC® BUS PB FD P COMBI 1x2x0,22 mm2 3x1,0 mm2
01.02.2019
2170230 LAPP-2170230 Datasheet
161Kb / 1P
UNITRONIC® BUS AS-INTERFACE (TPE)
01.01.2019
2170240 LAPP-2170240 Datasheet
227Kb / 2P
UNITRONIC® BUS EIB 2x2x0.8
21.06.2021
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com