Electronic Components Datasheet Search
  English  ▼

X  

2170208 Datasheet(PDF) 1 Page - Lapp.

Part # 2170208
Description  UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170208 Datasheet(HTML) 1 Page - Lapp.

  2170208 Datasheet HTML 1Page - Lapp. 2170208 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170208
DATA SHEET
valid from:
15.07.2020
3x2x0,22 mm² + 3x1,0 mm²
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170208EN
Version:
05
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
UNITRONIC BUS P COMBI IBS is a data cable for the field-bus system INTERBUS with integrated power supply. The field-bus cable is
designed to the requirements of the bus-system INTERBUS, the transmission characteristics conform to the system and guarantee a high
operating security during data transmission.
UNITRONIC BUS P COMBI IBS is desigend for a data transmission rate of 500kBit/s at a length of 400m. The cable is intended for limited
flexible use and for permanent installation in dry and damp interiors.
Design
Conductor
data pairs:
stranded bare copper
0.22 mm² (24 AWG), 7 x 0.2 mm
power cores:
stranded bare copper
1.0 mm² (18 AWG), 14 x 0.3 mm
Insulation
data pairs:
PE
core Ø: ca. 1.0 mm
power cores:
PE
core Ø: ca. 1.7 mm
Core identification code
data pairs:
white-brown, green-yellow, grey-pink
power cores:
red, blue, green/yellow
Stranding
data cores twisted to pairs, data pairs stranded together with power cores
wrapping on top
Screen
braid of tinned copper wires
Outer sheath
PUR
violet
outer Ø: max. 8.0 mm
dl safjl öjf


Similar Part No. - 2170208

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170200-1 TEC-2170200-1 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170202-2 TEC-2170202-2 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
logo
TE Connectivity Ltd
2170207-1 TEC-2170207-1 Datasheet
1Mb / 6P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170207-2 TEC-2170207-2 Datasheet
1Mb / 6P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170208

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-AXU-051 OPTODIODE-ODD-AXU-051 Datasheet
333Kb / 2P
PHOTODIODE 63 mm2
ODD-SXU-051 OPTODIODE-ODD-SXU-051 Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH_15 Datasheet
444Kb / 2P
PHOTODIODE 63 mm2
AXUVHS5 OPTODIODE-AXUVHS5_15 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170227 LAPP-2170227 Datasheet
192Kb / 2P
UNITRONIC® BUS PB FD P COMBI 1x2x0,22 mm2 3x1,0 mm2
01.02.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com