Electronic Components Datasheet Search
  English  ▼

X  

2170222 Datasheet(PDF) 1 Page - Lapp.

Part # 2170222
Description  UNITRONIC® BUS PB FD P 1x2x0,64
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170222 Datasheet(HTML) 1 Page - Lapp.

  2170222 Datasheet HTML 1Page - Lapp. 2170222 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170222
DATA SHEET
valid from:
01.01.2019
1 x 2 x 0,64
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170222EN
Version:
09
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
Highly flexible data cable for the SIEMENS field-net SINEC L2 DP (acc. to DIN 19245, part 3 and EN 50 170) for fieldbus system FIP
(Factory Instrumentation Protocol) as well as for high performance data networks with 150 Ω nominal impedance. The cable is designed
for the system-defined transmission rates of 1.5 MBit/s, 2.5 MBit/s and 12 MBit/s, the transmission characteristics are conform to
the system and guarantee a high operating security during the data transmission. The used materials are halogen free.
The cable is intended for high flexible application in power chains, on permanently moving machines and linear robots. Due to its
double screening it is suitable for installation in electromagnetically demanding areas. The PUR-sheath is very resistant against
mineral oils and abrasion.
This cable is suitable for torsion application in wind turbines (WTG). The torsional load is limited to applications, as they typically
occur in the loop of a wind turbine.
Design
Conductor
bare copper,
nom. 0.25 mm² (24 AWG)
Insulation
Skin-Foam-Skin PE,
core ∅ nom. 2.55 mm
Core identification code
cores red and green
Stranding
2 cores together with 2 fillers
1 layer non woven tape
Screen
plastic-laminated aluminium foil, side with metal outwards, braid of tinned
copper wires, coverage nom. 85%
Outer sheath
PUR flame retardant and halogen free,
violet similar to RAL 4001,
wall thickness nom. 1.0 mm, outer diameter: max. 8.0 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 145 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
A/A: ca. 32 nF/km
A/S: ca. 49 nF/km
(at 800 Hz)
Inductance
800 Hz: ca. 0,82 mH/km
Characteristic impedance
9,6 kHz: 270 Ω ± 27 Ω
38,4 kHz: 185 Ω ± 18 Ω
3 up to 20 Mhz: 150 Ω ± 15 Ω
Attenuation
9,6 kHz: max. 0,3 dB/100 m
38,4 kHz: max. 0,4 dB/100 m
4 MHz: max. 2,5 dB/100 m
16 MHz: max. 4,9 dB/100 m
Velocity of propagation
nom. 0,81c
Transfer impedance
max. 10 mΩ/m


Similar Part No. - 2170222

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170227 LAPP-2170227 Datasheet
192Kb / 2P
UNITRONIC® BUS PB FD P COMBI 1x2x0,22 mm2 3x1,0 mm2
01.02.2019
More results

Similar Description - 2170222

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170227 LAPP-2170227 Datasheet
192Kb / 2P
UNITRONIC® BUS PB FD P COMBI 1x2x0,22 mm2 3x1,0 mm2
01.02.2019
2170236 LAPP-2170236 Datasheet
175Kb / 2P
UNITRONIC® BUS PB YY 1x2x0,64
01.01.2019
2170322 LAPP-2170322 Datasheet
192Kb / 2P
UNITRONIC® BUS PBFD PFC. 1x2x0,64 |
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
DB3031981 LAPP-DB3031981 Datasheet
66Kb / 1P
UNITRONIC BUS PB HEAT 180 1x2x0,64
25.03.2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com