Electronic Components Datasheet Search
  English  ▼

X  

2170227 Datasheet(PDF) 2 Page - Lapp.

Part # 2170227
Description  UNITRONIC® BUS PB FD P COMBI 1x2x0,22 mm2 3x1,0 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170227 Datasheet(HTML) 2 Page - Lapp.

  2170227 Datasheet HTML 1Page - Lapp. 2170227 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170227
DATA SHEET
valid from:
01.02.2019
1x2x0,22 mm2 + 3x1,0 mm2
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170227EN
Version:
5
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
dlsafjlöjf
Electrical properties at 20°C
Conductor resistance
power cores:
max. 19.5 Ω/km
Loop resistance
data cores:
max. 145 Ω/km
Specific volume resistivity
data cores:
min. 5 GΩ x km
power cores:
min. 20 MΩ x km
Mutual capacitance
max. 30 nF/km (800Hz)
Characteristic impedance
9,6 kHz: 270 Ω ± 27 Ω
38,4 kHz: 185 Ω ± 18,5 Ω
3 MHz - 20 MHz: 135 Ω - 165 Ω
Attenuation
9.6 kHz: max. 0.3 dB/100 m
38.4 kHz: max. 0.5 dB/100 m
4 MHz: max. 2.5 dB/100 m
16 MHz: max. 4.9 dB/100 m
Peak operating voltage
250 V (not for power applications)
Test voltage
conductor/conductor 1500 V
conductor/screen
1500 V
Mechanical and thermal properties
Minimum bending radius
14.5 x cable Ø
Temperature range
fixed use
- 40˚ C up to +80˚ C
flexible use
- 5˚ C up to +50˚ C
Flammability
flame retardant acc. to IEC 60332-1-2
Halogen free
halogen free acc. to VDE 0472-815
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com