Electronic Components Datasheet Search
  English  ▼

X  

2170236 Datasheet(PDF) 2 Page - Lapp.

Part # 2170236
Description  UNITRONIC® BUS PB YY 1x2x0,64
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170236 Datasheet(HTML) 2 Page - Lapp.

  2170236 Datasheet HTML 1Page - Lapp. 2170236 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170236
DATA SHEET
valid from:
01.01.2019
1 x 2 x 0,64
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170236EN
Version:
05
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Peak operating voltage
225 V (not for power purposes)
Test voltage
conductor/conductor 1500 V
conductor/screen
1500 V
Mechanical and thermal properties
Minimum bending radius
static: 10 x cable Ø
Temperature range
static: -40˚ C up to +80˚ C
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com