Electronic Components Datasheet Search
  English  ▼

X  

2170240 Datasheet(PDF) 2 Page - Lapp.

Part # 2170240
Description  UNITRONIC® BUS EIB 2x2x0.8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170240 Datasheet(HTML) 2 Page - Lapp.

  2170240 Datasheet HTML 1Page - Lapp. 2170240 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170240
DATA SHEET
valid from:
21.06.2021
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170240EN
Version:
08
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Mechanical and thermal properties
Minimum bending radius
fixed installation:
10 x outer diameter
Temperature range
fixed installation:
-30 °C up to +70 °C
Flammability
flame retardant acc. to IEC 60332-1-2 resp. EN 60332-1-2
General requirements
These cables are conform to the EU-Directive 2011/65/EU (RoHS, Restriction of the use of certain
hazardous substances)
and the LV-Directive 2014/35/EU (Low voltage Directive).
This cable is classified in accordance with the EU-Regulation no. 305/2011 (CPR).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU (RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com