Electronic Components Datasheet Search
  English  ▼

X  

2170264 Datasheet(PDF) 1 Page - Lapp.

Part # 2170264
Description  UNITRONIC BUS CAN A 2 x 2 x 0,34 mm²
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170264 Datasheet(HTML) 1 Page - Lapp.

  2170264 Datasheet HTML 1Page - Lapp. 2170264 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170264
DATA SHEET
valid from:
01.01.2019
UNITRONIC BUS CAN A
2 x 2 x 0,34 mm²
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170264EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
UNITRONIC BUS CAN A is a data cable with UL and cUL approval, for CAN (Controller Area Network) fieldbus system according
to ISO11898 as well as for high performance data networks with 120 Ohms nominal impedance. The second pair can be used for
electrical power supply for the logical bus units. The transmission characteristics of the cable conform to the CAN system and guarantee
a high operating security during data transmission.
UNITRONIC BUS A is intended for permanent installation and conditional flexible use in dry and damp interiors.
Design
Certification
UL / cUL type CMX according to UL 444 and CSA C22.2 No.214-02.
Conductor
seven-wire strands of bare copper,
0.34mm², (22AWG)
Insulation
cellular PE or foam skin,
core diameter approx. 1.7 mm
Core identification code
pair 1 white and brown,
pair 2 green and yellow
(acc. DIN 47100)
Stranding
2 cores twisted into pairs, 2 pairs arranged to the cable core
plastic foil
Screen
braid of tinned copper wires
Outer sheath
PVC, violet,
OD approx. 8.5 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 115 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. nF/km 40
Characteristic impedance
at f ≥ 1 MHz Ω 120 ± 15%
Attenuation
100 kHz nom. dB/100 m 0,4
1
MHz nom. dB/100 m 1,3
5
MHz nom. dB/100 m 3,0
10
MHz nom. dB/100 m 4,3
20
MHz nom. dB/100 m 6,4
Near-end cross-talk
1
MHz min. dB 50
20
MHz min. dB 40
Velocity of propagation
nom. 76 %
Signal transit time
4,4 ns/m
Transfer impedance
at 30 MHz max. 250 mΩ/m
Peak operating voltage
250 V (not for power applications)
Test voltage
conductor/conductor 1500 V
conductor/screen
1000 V


Similar Part No. - 2170264

ManufacturerPart #DatasheetDescription
logo
Littelfuse
21702.5 LITTELFUSE-21702.5 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
21702.5 LITTELFUSE-21702.5 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
logo
TE Connectivity Ltd
2170200-1 TEC-2170200-1 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170202-2 TEC-2170202-2 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
More results

Similar Description - 2170264

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3654 IDT-IDT72V3654 Datasheet
416Kb / 37P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Lapp.
2170276 LAPP-2170276 Datasheet
178Kb / 2P
UNITRONIC BUS CAN FD P 2 x 2 x 0,34 mm²
01.01.2019
2170352 LAPP-2170352 Datasheet
66Kb / 1P
UNITRONIC® BUS FF 2 @ 1X2X1.1
01.02.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com