Electronic Components Datasheet Search
  English  ▼

X  

2170455 Datasheet(PDF) 1 Page - Lapp.

Part # 2170455
Description  ETHERLINE ROBUST PN FR Cat. 7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170455 Datasheet(HTML) 1 Page - Lapp.

  2170455 Datasheet HTML 1Page - Lapp. 2170455 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170455
DATA SHEET
valid from:
01.01.2019
ETHERLINE ROBUST PN FR Cat. 7
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170455EN
Version:
02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE ROBUST PN FR Cat. 7 is a flame retardant CATEGORY 7 high speed data transmission cable for industrial environments. This
data cable meets the requirements of Standards EIA/TIA-568, TSB-36 and ISO/IEC 11801 „Generic Cabling for Customer Premises“. The
high quality screen ensures high transmission reliability of data transfer in electromagnetically polluted areas.
Design
Conductor
bare stranded copper, 23/7 AWG
Insulation
foam-skin polyolefin,
core Ø ca. 1.5 mm
Core identification code
4 x 2
blue-white/blue; orange-white/orange; green-white/green;
brown-white/brown
or
blue-white; orange-white; green-white; brown-white
Stranding
two cores stranded to pair; 4 pairs stranded together
(optional stranding cross)
Screen
plastic laminated aluminum foil around each pair, braid of copper wire, coverage ca. 85 %
Outer sheath
flame retardant TPE-V special compound,
black (similar to RAL 9005),
outer ∅ ca. 8,7 mm
dl safjl öjf
Electrical properties at 20°C
Conductor resistance
max. 142 Ω/km
Specific volume resistivity
min. 5 GΩxkm
Velocity of propagation
ca. 0,71 c
Signal transit time
nom. 470 ns/100 m
Peak operating voltage
125 V (not for power purposes)
Test voltage
conductor/conductor 1000 V
conductor/screen
1000 V
.


Similar Part No. - 2170455

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170450-1 TEC-2170450-1 Datasheet
545Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Lapp.
2170451 LAPP-2170451 Datasheet
266Kb / 2P
ETHERLINE®™ ROBUST PN Cat. 5e
01.01.2019
2170454 LAPP-2170454 Datasheet
267Kb / 2P
ETHERLINE® ROBUST PN FR Cat. 5e
01.01.2019
More results

Similar Description - 2170455

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170451 LAPP-2170451 Datasheet
266Kb / 2P
ETHERLINE®™ ROBUST PN Cat. 5e
01.01.2019
2170454 LAPP-2170454 Datasheet
267Kb / 2P
ETHERLINE® ROBUST PN FR Cat. 5e
01.01.2019
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com