Electronic Components Datasheet Search
  English  ▼

X  

2170474 Datasheet(PDF) 1 Page - Lapp.

Part # 2170474
Description  ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170474 Datasheet(HTML) 1 Page - Lapp.

  2170474 Datasheet HTML 1Page - Lapp. 2170474 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170474
DATA SHEET
valid from:
09.08.2021
4x2x22/1 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170474EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
Field of use:
Installation cable for cabling systems acc. to ISO/IEC 11801 and
EN 50173. Meeting the transmission requirements of IEC 61156-5,
Category 7 and EN 50288-4-1. Compliant to the "PROFINET
Cabling and Interconnection Technology" guideline.
Performance:
4-pair, screened foiled twisted pair cable (S/FTP), having a
nominal impedance of 100 Ω, supporting a bandwidth of
10 Gbit/s (e.g. 100BASE-T, 1000BASE-T, 2.5GBASE-T, 5GBASE-T,
10GBASE-T) over up to 100 m.
Characteristics:
Flame retardant, no flame propagation, oil resistant
Applications:
PROFINET, EtherCAT, EtherNet/IP, PoE (IEEE 802.3af),
PoE+ (IEEE 802.3at), PPoE (IEEE 802.3bt) and others
Design
Conductor
solid bare copper
22/1 AWG
Insulation
polyolefin (foamed)
core diameter: nom. 1.50 mm
Core identification code
pair 1: white/blue, pair 2: white/orange, pair 3: white/green, pair 4: white/brown
(colored ring marking on the white cores is optional)
Stranding
2 cores stranded to pair,
4 pairs stranded to bundle
Pair screen
plastic laminated aluminium foil (overlapping)
Screen
braid of tinned copper wires (coverage 85 % ± 5 %)
Outer sheath
PVC
green, similar RAL 6018
outer diameter: 8.70 mm (± 0.3 mm)
dl safjl öjf
Electrical properties at 20 °C
Loop resistance
≤ 12.2 Ω/100 m
Insulation resistance
≥ 5 GΩ×km
Mutual capacitance
800 Hz:
42 nF/100 m
Coupling attenuation
30 MHz - 100 MHz:
≥ 80 dB
100 MHz - 600 MHz:
≥ 80 – 20×log10(f /100)
Characteristic impedance
100 MHz:
100 Ω acc. to IEC 61156-5
Velocity of propagation
100 MHz:
0.80 c
Signal propagation time
4 MHz - 600 MHz:
≤ 480 ns/100 m
Delay skew
4 MHz - 600 MHz:
≤ 20 ns/100 m
Maximum operating voltage
EN:
100 V (not for power applications)
Test voltage
core/core:
700 V
core/screen:
700 V


Similar Part No. - 2170474

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217040 LITTELFUSE-217040 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
TE Connectivity Ltd
2170400-1 TEC-2170400-1 Datasheet
718Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170402-1 TEC-2170402-1 Datasheet
624Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170409-5 TEC-2170409-5 Datasheet
2Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170409-6 TEC-2170409-6 Datasheet
2Mb / 5P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170474

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170464 LAPP-2170464 Datasheet
246Kb / 2P
ETHERLINE™ Y Cat. 6A 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170496 LAPP-2170496 Datasheet
234Kb / 2P
ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
30.03.2021
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com