Electronic Components Datasheet Search
  English  ▼

X  

2170481 Datasheet(PDF) 1 Page - Lapp.

Part # 2170481
Description  ETHERLINE® TORSION Cat. 7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170481 Datasheet(HTML) 1 Page - Lapp.

  2170481 Datasheet HTML 1Page - Lapp. 2170481 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170481
DATA SHEET
valid from:
01.01.2019
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170481EN
Version:
03
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
. The
screening ensures high transmission reliability in areas with a high load of electromagnetic capacity. The PUR jacket is resistant against
mineral oils and abrasion. The cable is designed for applications with torsional stress in dry and damp areas.
Design
Certification
c(UL)us type CMX acc. to UL 444; UL AWM styles 11117 and 21576 (1000 V, 80 °C) acc. to UL
758
cRU AWM I/II A/B (FT1) acc. to CSA C22.2 No.210-15
Conductor
tinned copper
fine-wire stranded
7 x 0.20 mm ∅ (7/32 AWG)
0.22 mm² (24 AWG)
Insulation
foam-skin polyolefin
ca. 1.4 mm outer Ø
Core identification code
pair 1: white-blue, pair 2: white-orange, pair 3: white-green, pair 4: white-brown
Stranding
Plastic laminated aluminum foil
2 cores stranded to pair, 4 pairs stranded to bundle with central cross
conductive wrapping
Screen
braid of copper wire
tinned wire
coverage ca. 85 %
Taping
non-woven tape
Outer sheath
PUR compound
green similar to RAL 6018
outer ∅: ca. 9.4 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 175,2 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 50 nF/km
Characteristic impedance
nom. 100 Ω nach IEC 61156-6
100 ± 5 Ω (@ 100 MHz)
Peak operating voltage
125 V (not for power purposes)
Test voltage
conductor/conductor
750 V
conductor/screen
750 V


Similar Part No. - 2170481

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170488 LAPP-2170488 Datasheet
222Kb / 2P
ETHERLINE® FD P CAT.6 4x2x26/19AWG
23.03.2020
logo
TE Connectivity Ltd
2170488-2 TEC-2170488-2 Datasheet
117Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170488-4 TEC-2170488-4 Datasheet
117Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170481

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170888 LAPP-2170888 Datasheet
273Kb / 2P
ETHERLINE® TORSION P CAT.5a
01.01.2019
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com