Electronic Components Datasheet Search
  English  ▼

X  

2170482 Datasheet(PDF) 1 Page - Lapp.

Part # 2170482
Description  ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170482 Datasheet(HTML) 1 Page - Lapp.

  2170482 Datasheet HTML 1Page - Lapp. 2170482 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170482
DATA SHEET
valid from:
01.01.2019
4 x 2 x AWG24/7
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170482EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE TORSION Y Cat. 6A is a CATEGORY 6A high speed data cable for industrial usage. The screening ensures high transmission
reliability in areas with a high load of electromagnetic capacity. The cable is designed for applications with torsional stress in dry and damp
areas.
Design
Certification
c(UL)us type CM (75 °C) acc. to UL 444
Conductor
fine-stranded, tinned copper wires,
AWG24/7 or approx. 0.22 mm²
Insulation
foam-skin polyolefin,
outer Ø approx. 1.3 mm
Core identification code
pair 1: white-blue, pair 2: white-orange,
pair 3: white-green, pair 4: white-brown
Stranding
2 cores twisted to pairs
Pair screening with aluminium laminated foil
4 screened pairs twisted around central core element and shielded with aluminium laminated foil
Screen
braid of tinned copper wires,
coverage approx. 85 %
Taping
thin non-woven tape (optional)
Outer sheath
PVC compound,
Colour: green similar RAL 6018,
outer ∅: approx. 8.9 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 175.2 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 50 nF/km
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-6
Peak operating voltage
125 V
Test voltage
conductor/conductor
750 V
conductor/screen
750 V
.


Similar Part No. - 2170482

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170488 LAPP-2170488 Datasheet
222Kb / 2P
ETHERLINE® FD P CAT.6 4x2x26/19AWG
23.03.2020
logo
TE Connectivity Ltd
2170488-2 TEC-2170488-2 Datasheet
117Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170488-4 TEC-2170488-4 Datasheet
117Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170482

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170888 LAPP-2170888 Datasheet
273Kb / 2P
ETHERLINE® TORSION P CAT.5a
01.01.2019
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com