Electronic Components Datasheet Search
  English  ▼

X  

2170484 Datasheet(PDF) 2 Page - Lapp.

Part # 2170484
Description  ETHERLINE® FD P CAT.6A 4x2xAWG24/7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170484 Datasheet(HTML) 2 Page - Lapp.

  2170484 Datasheet HTML 1Page - Lapp. 2170484 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170484
DATA SHEET
valid from:
01.01.2019
4 x 2 x AWG24/7
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170484EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
.
f
[MHz]
Attenuation
[dB/100m]
NEXT
[dB]
EL FEXT
[dB]
Return Loss
[dB]
standard
standard
standard
standard
4
5,7
66,3
56
23
10
9,5
59,5
46,4
25
16
11,5
57,1
44,1
25
31,25
15,8
53,1
38
23,3
62,5
22,4
48,4
32,2
20,8
100
29
45,2
27,8
19
200
41,1
40,8
22
17,3
250
46,6
39,3
20,1
17,3
300
51,4
38,2
18,5
17,3
350
55,8
37,1
17,1
17,3
500
67,9
34,8
14
17,3
Mechanical and thermal properties
Minimum bending radius
moved: 15 x cable Ø
fixed installation: 8 x cable Ø
Temperature range
moved: -30˚ C up to +70˚ C
fixed installation: -40˚ C up to +80˚ C
Bending cycles and power chain
operation parameters
approx. 2.500.000 bending cycles
acceleration 3 m/s2
speed 3 m/s
Travel distance
5m
Flammability
flame retardant acc. to IEC 60332-1-2,
VW-1 acc. to UL 1581
Halogen free
acc. to VDE 0472-815
Oil resistance
acc. to IEC 60811-2-1
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com