Electronic Components Datasheet Search
  English  ▼

X  

2170488 Datasheet(PDF) 2 Page - Lapp.

Part # 2170488
Description  ETHERLINE® FD P CAT.6 4x2x26/19AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170488 Datasheet(HTML) 2 Page - Lapp.

  2170488 Datasheet HTML 1Page - Lapp. 2170488 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170488
DATA SHEET
valid from:
23.03.2020
4x2x26/19AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170488EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The transmission characteristics meet the requirements of the standards EN 50288-5-2 and IEC 61156-6 for category 6. The
normative requirements for the transmission properties are shown in the following table:
f [MHz]
4
10
20
31,25
62,5
100
200
250
(max.) Attenuation
[dB/100 m]
5,7
9,0
12,8
16,1
23,2
29,9
43,7
49,5
(min.) TCL
[dB]
34
30
27
25,1
22
20
17
16
(min.) EL TCTL
[dB/100 m]
23
15
9
5,1
---
---
---
---
(min.) NEXT
[dB]
66,3
60,3
55,8
52,9
48,4
45,3
40,8
39,3
(min.) PS EL FEXT
[dB/100 m]
55
47
41
37,1
31,1
27
21
19
(min.) ACR-F/EL FEXT
[dB/100 m]
58
50
44
40,1
34,1
30
24
22
(min.) Return Loss
[dB]
23
25
25,8
24,6
22,8
21,6
19,8
19,2
Mechanical and thermal properties
Minimum bending radius
fixed:
4x cable Ø
continuous flexing:
8x cable Ø
Temperature range
fixed:
-40 °C up to +80 °C
continuous flexing:
-30 °C up to +70 °C
Flammability
flame retardant acc. to. IEC 60332-1-2 resp. EN 60332-1-2
VW-1 acc. to UL 1581 §1080
Halogen free
acc. to VDE 0472-815
UV resistance
acc. to. ISO 4892-2, method A
Oil resistance
acc. to. EN 50363-10-2
General requirements
This cable is conform to EU-Directive 2014/35/EU (Low Voltage Directive) and to EU-Directive
2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com