Electronic Components Datasheet Search
  English  ▼

X  

VR2202S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VR2202S
Description  SINGLE COLOR LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VR2202S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VR2202S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
60
50
40
30
20
10
0
PR, VR,
BR, AA, AY, PY, PG, BG
Cathode mark
9MIN.
9MIN.
2.3 +0.2
-0.1
o/1.65
2.5
± 0.2
1.1
n
Outline Dimensions
SINGLE COLOR LED
f 1.6mm Round Shape
Unit: mm
n
Operation Current Derating Chart
n
Spatial Distribution (x)
ST
AND
ARD
COLOR
2202S / 2222S Series
2202S / 2222S Series
n
Absolute Maximum Ratings
* Ta=25°C, IFM applies for the pulse width £ 1msec. and duty cycle £1/20
The current derating for operation applies when the temperature is above 25°C
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating (DC)*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
DIF
mW
mA
mA
V
°C
°C
mA/°C
Units
Item
BR
80
40
300
4
Red
PR
75
30
100
4
VR
75
30
100
4
Orange
AA
100
40
100
4
AY
100
40
100
4
PY
100
40
100
4
Green
PG
100
40
100
4
Pure Green
BG
100
40
100
4
-30 to +85
-30 to +100
n
Electro-Optical Characteristics
20
1.6
16
16
16
24
16
8
10
0.8
8
8
8
12
8
4
20
10
20
20
20
20
20
20
660
700
630
605
580
570
560
555
647
635
624
606
590
572
567
558
30
100
30
30
30
30
30
30
20
10
20
20
20
20
20
20
1.7
2.1
2.0
2.2
2.2
2.1
2.1
2.1
2.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
20
10
20
20
20
20
20
20
100
100
100
100
100
100
100
100
4
4
4
4
4
4
4
4
GaAIAs
GaP
GaAsP
GaAsP
GaAsP
GaP
GaP
GaP
BR2202S/2222S
PR2202S/2222S
VR2202S/2222S
AA2202S/2222S
AY2202S/2222S
PY2202S/2222S
PG2202S/2222S
BG2202S/2222S
mcd
mA
nm
mA
mA µA
V
Deg.
V
60°
(Ta=25°C)
(Ta=25°C)
Units
Wavelength
Spectral Line
Half Width
Forward
Voltage VF
TYP
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle**
(2 q 1/2)
MIN.
TYP.
IF
Dl
TYP.
Peak
lp
TYP.
Dominant
ld
TYP.
IF
Luminous
Intensity IV
Lens
Color*
Emitted
Color
Material
Part No.
70°
*Applies only to 2222S Series; 2202S Series has water clear lens color
**The viewing angle is an average and will vary by color
Clear
Red
Clear
Orange
Clear
Yellow
Clear
Green
0.67
0.33
0.67
Yellow
Yellow Green
0.5
90
˚
60
˚
60
˚
30
˚
0
˚
30
˚
90
˚
2202S
2222S
*Spatial distribution is viewed as a typical illustration and will vary by color
Red
Orange
Yellow
Yellow Green
Green
Pure Green


Similar Part No. - VR2202S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
Radial Leaded Automotive Varistors
VR20AT14A101RTR1 AVX-VR20AT14A101RTR1 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR20AT14A101RTR2 AVX-VR20AT14A101RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR20AT14A151RTR1 AVX-VR20AT14A151RTR1 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
VR20AT14A151RTR2 AVX-VR20AT14A151RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
More results

Similar Description - VR2202S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4361F ETC1-4361F Datasheet
225Kb / 1P
SINGLE COLOR LED
D-5306X ETC2-D-5306X Datasheet
260Kb / 1P
SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
4364K STANLEY-4364K Datasheet
171Kb / 1P
Single color led
FA5366X STANLEY-FA5366X Datasheet
263Kb / 1P
SINGLE COLOR LED
FA3864X STANLEY-FA3864X Datasheet
255Kb / 1P
SINGLE COLOR LED
FA3863X STANLEY-FA3863X Datasheet
284Kb / 1P
SINGLE COLOR LED
DB5306X STANLEY-DB5306X Datasheet
263Kb / 1P
SINGLE COLOR LED
DB5304X STANLEY-DB5304X Datasheet
267Kb / 1P
SINGLE COLOR LED
DB3804X STANLEY-DB3804X Datasheet
255Kb / 1P
SINGLE COLOR LED
DB3803X STANLEY-DB3803X Datasheet
284Kb / 1P
SINGLE COLOR LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com