Electronic Components Datasheet Search
  English  ▼

X  

IR2237 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2237
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2237 Datasheet(HTML) 2 Page - International Rectifier

  IR2237 Datasheet HTML 1Page - International Rectifier IR2237 Datasheet HTML 2Page - International Rectifier IR2237 Datasheet HTML 3Page - International Rectifier IR2237 Datasheet HTML 4Page - International Rectifier IR2237 Datasheet HTML 5Page - International Rectifier IR2237 Datasheet HTML 6Page - International Rectifier IR2237 Datasheet HTML 7Page - International Rectifier IR2237 Datasheet HTML 8Page - International Rectifier IR2237 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IR2137/IR2237(J)(Q)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board
mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VS1,2,3
High side offset voltage
VB1,2,3 -25
VB1,2,3 +0.3
VB1,2,3
High side floating supply voltage (IR2137)
-0.3
625
(IR2237)
-0.3
1225
VHO
High side floating output voltage (HOP, HON, HSSD)
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage (LOP, LON, LSSD)
VLS1,2,3 -0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN,SD, ITRIP, FLTCLR, BRIN)
VSS - 0.3
(VSS + 15) or
(VCC + 0.3)
which ever is
lower
VFLT
FAULT output voltage
VSS - 0.3
VCC + 0.3
VDESAT
DESAT input voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VBR
BRAKE output voltage
- 0.3
VCC + 0.3
VLS1,2,3
Low side output return voltage
VCC - 25
VCC + 0.3
dV/dt
Allowable offset supply voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(MQFP64)
—
2.0
(PLCC68)
3.0
RthJA
Thermal resistance, junction to ambient
(MQFP64)
—
60
(PLCC68)
—
40
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C/W
W
V
°C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute voltages referenced to COM. The VS offset rating is tested with all
supplies biased at 15V differential.
VB1,2,3
High side floating supply voltage
VS1,2,3 + 13
VS1,2,3 + 20
VS1,2,3
High side floating supply offset voltage
(IR2137)
Note 1
600
(IR2237)
Note 1
1200
VHO1,2,3
High side output voltage (HOP, HON, HSSD)
VS1,2,3
VS1,2,3 + 20
VLO1,2,3
Low side output voltage (LOP, LON, LSSD)
VLS1,2,3
VCC
VCC
Low side and logic fixed supply voltage
12.5
20
VSS
Logic ground
-5
+5
VIN
Logic input voltage (HIN, LIN,SD, ITRIP, FLTCLR, BRIN)
VSS
VSS + 5
VBR
BRAKE output voltage
0
VCC
Symbol
Definition
Min.
Max.
Units
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com