| Electronic Components Datasheet Search |
|
ST7162N Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7162N Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 17 page ![]() Figure 3: 3 Wires Serial Data Transmission Timing ADDRESS A2 A1 A0 00 0 DATA D12 TEST 1 D11 TEST 2 D10 TEST 3 D9 AUX. DATA SELECT D8 REF OUT/3 D7 TX COUNTER ENABLE D6 RX COUNTER ENABLE D5 REF. COUNTER ENABLE D4 AUX. REF. COUNTER ENABLE D3 MUX SELECT 1 D2 MUX SELECT 2 D1 MUX SELECT 3 D0 MUX SELECT 4 PROGRAMMING THE REGISTER (Figs 3 to 8) When a Low level is present on the ENABLE in- put, information on the DATA and AUX DATA in- puts are used to program the internal registers. Data are shifted at the rising edge of the clock in- put. First the 3 address bits of a register are sent, followed by 12 to 16 data bits, depending on the lenght of the register. The address is latched at the 3rd clock impulse following a falling edge at ENABLE input. This configuration allows to send various lenght patterns. Moreover, fixed patterns of 24 or 32 bits can be sent if dummy bits are in- serted between the address bits and the first data bit. After the last data bit, a rising edge of the EN- ABLE input latches the information. When the VDD supply is switched on, an internal circuit pro- vides a reset of the control register bits. When the serial bus is not used, a Low level at clock input and a HIGH level at ENABLE inputs are applied. PROGRAMMING THE 3/4 WIRES MODE When the Auxiliary Data select bit of the control register is set to 1, the serial bus is switched in 4 wires mode at the next pattern. Then one or other of the 5 registers may be serially loaded by one or other of the DATA or AUX DATA inputs. When loading simultaneously 2 registers with different lenght, dummy bits are inserted between the ad- dress bits and the data bits of the shorter register (see fig. 8). X = DON’T CARE ST7162 8/17 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |