Electronic Components Datasheet Search
  English  ▼

X  

ST7162D Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7162D
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162D Datasheet(HTML) 3 Page - STMicroelectronics

  ST7162D Datasheet HTML 1Page - STMicroelectronics ST7162D Datasheet HTML 2Page - STMicroelectronics ST7162D Datasheet HTML 3Page - STMicroelectronics ST7162D Datasheet HTML 4Page - STMicroelectronics ST7162D Datasheet HTML 5Page - STMicroelectronics ST7162D Datasheet HTML 6Page - STMicroelectronics ST7162D Datasheet HTML 7Page - STMicroelectronics ST7162D Datasheet HTML 8Page - STMicroelectronics ST7162D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PIN FUNCTIONS
N.
Name
Function
1
CLOCK
MCU Interface
2
AUX DATA IN
MCU Interface
3
DATA IN
MCU Interface
4
ENABLE
MCU Interface
5
MCU CLOCK
Scaled down reference frequency for clocking the MCU
6VSS
Negative Power Supply
7
OSC OUT
Oscillator Output
8
OSC IN
Oscillator Input
9
FIN RX
Input to the 16 bits Receive Counter
10
PD RX
Phase detector output of the Receive loop
11
Out RX
Power saving output bit for the RX loop and FIN RX divided by N1 for testing the RX input
sensitivity.
12
VDD
Positive power supply
13
OUT TX
Power saving output bit for the TX loop and FIN TX divided by N2 for testing the TX input
sensitivity.
14
FIN TX
Input to the 16 bits Transmit counter.
15
PD TX
Phase detector output of the transmit loop
16
LD
Lock detect output of the transmit loop.
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C, voltage reference = VSS)
Symbol
Parameter
Test Condition
VDD
Min.
Typ.
Max.
Unit
SUPPLY
VDD
Supply Voltage
3
5.5
V
IDD up
Supply Current
200mVpkpk sinus at input;
FIN RX = 36MHz, FIN TX =49MHz;
loop in lock condition;
fosc = 10.24MHz; no output load
3V
5V
3.7
7.7
mA
mA
IDDRX
Supply Current
200mVpkpk sinus at input;
FIN RX = 36MHz; TX Loop in
Power down; fosc = 10.24MHz;
no output load
3V
5V
2.5
5.3
mA
mA
IDD down
Supply Current
Stand-by mode for all counters;
OSCIN pin Grounded;
MCU interface disabled
3V
5V
150
300
µA
µA
TX and RX INPUTS
CIN
Input Capacitance
8pF
IIN up
Input Current
0 < VIN <VDD
3V
5V
–60
– 100
60
100
µA
µA
Fmax
Input Frequency
Input = sinus 200mVpkpk
AC coupled
3-5V
60
MHz
OSCILLATOR
CIN
Input Capacitance
8pF
COUT
Output Capacitance
8
pF
IIN up
Input Current
0 < VIN <VDD DC measured
3V
5V
–60
– 100
60
100
µA
µA
Fmax
Input Frequency
3-5V
16
MHz
ST7162
3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com